Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20BQ030M Datasheet (PDF) - Vishay Siliconix

20BQ030M Datasheet PDF - Vishay Siliconix
Part # 20BQ030M
Download  20BQ030M Download
File Size   112.28 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 A

20BQ030M Datasheet (PDF)

Go To PDF Page Download Datasheet
20BQ030M Datasheet PDF - Vishay Siliconix

Part # 20BQ030M
Download  20BQ030M Click to download

File Size   112.28 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 A

20BQ030M Datasheet (HTML) - Vishay Siliconix


20BQ030M Product details

• Low forward voltage drop
• Guard ring for enhanced ruggedness and long
term reliability
• Small foot print, surface mountable
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C




Similar Part No. - 20BQ030M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20BQ030 IRF-20BQ030 Datasheet
235Kb / 6P
SCHOTTKY RECTIFIER
logo
Monolithic Power System...
20BQ030 MPS-20BQ030 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
20BQ030 MPS-20BQ030 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Vishay Siliconix
20BQ030 VISHAY-20BQ030 Datasheet
97Kb / 6P
Schottky Rectifier, 2 A
16-Apr-08
logo
International Rectifier
20BQ030PBF IRF-20BQ030PBF Datasheet
235Kb / 6P
SCHOTTKY RECTIFIER
More results


Similar Description - 20BQ030M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20BQ030PBF VISHAY-20BQ030PBF Datasheet
97Kb / 6P
Schottky Rectifier, 2 A
16-Apr-08
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
Schottky Rectifier, 2 A
06-Nov-08
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
Schottky Rectifier, 2 A
06-Nov-08
20MQ040-M3 VISHAY-20MQ040-M3 Datasheet
112Kb / 6P
Schottky Rectifier, 2 A
22-Aug-11
20MQ100-M3 VISHAY-20MQ100-M3 Datasheet
115Kb / 6P
Schottky Rectifier, 2 A
22-Aug-11
21DQ04 VISHAY-21DQ04_12 Datasheet
123Kb / 6P
Schottky Rectifier, 2 A
21-Sep-11
VS-20BQ030TRPBF VISHAY-VS-20BQ030TRPBF Datasheet
116Kb / 7P
Schottky Rectifier, 2 A
04-Mar-10
VS-21DQ04 VISHAY-VS-21DQ04 Datasheet
121Kb / 6P
Schottky Rectifier, 2 A
21-Sep-11
VS-20MQ040-M3 VISHAY-VS-20MQ040-M3_15 Datasheet
110Kb / 6P
Schottky Rectifier, 2 A
12-Oct-11
VS-20BQ030PBF VISHAY-VS-20BQ030PBF_V01 Datasheet
116Kb / 7P
Schottky Rectifier, 2 A
04-Mar-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com