Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS1002 Datasheet (PDF) - List of Unclassifed Manufacturers

IS1002 Datasheet PDF - List of Unclassifed Manufacturers
Part # IS1002
Download  IS1002 Download
File Size   84.84 Kbytes
Page   13 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Bluetooth Baseband Controller

IS1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS1002 Datasheet PDF - List of Unclassifed Manufacturers

Part # IS1002
Download  IS1002 Click to download

File Size   84.84 Kbytes
Page   13 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Bluetooth Baseband Controller

IS1002 Datasheet (HTML) - List of Unclassifed Manufacturers


IS1002 Product details

[Integrated System Solution Corp.]

General Description
The ISSC IS1002 is a highly integrated Bluetooth baseband controller providing capability for high data rate, short-range wireless communications in the 2.4 GHz ISM band. It is fully compliant with version 1.1 of Bluetooth specification and some important BT1.2 features. Specially engineered for low power consumption and cost effective solution, the ISSC IS1002 integrates a baseband controller, HCI controller, and Audio controller. It also integrates a Turbo 8051 processor with 160K mask ROM for program memory and 32K SRAM for data memory.

Features
• Compliant with Bluetooth Specification 1.1/1.2
• Full Bluetooth RF Interface & Lower Link Controller functions
• BlueRF Interfaces to leading Radio ICs
• Full-featured hardware link controller with low-power mode and efficient data movement architecture
• Hardware support for all Bluetooth 1.1 packet types including
    o Data packets: DM1, DM3, DM5; DH1, DH3, DH5; AUX, DV
    o Voice packets: HV1, HV2, HV3, DV
    o Link Control packets: ID, IQ, NULL, POLL, and FHS
• Flexible and robust voice CODEC algorithms (CVSD, A-law, µ-law), with 3 simultaneous SCO channels support.
• Baseband functions implemented in hardware such as Forward Error Correction (FEC), whitening, Header Error Check (HEC), Shorten Hamming Code, CRC generation/checking, and Encryption/De-encryption.
• Hardware permutation to speed up software Authentication.
• Point-to-multipoint support (Piconet).
• Scatternet support.
• BT1.2 Adaptive Frequency Hopping (AFH) supported.
• BT1.2 Fast Connection supported.
• Ultra-low low cost and power consumption features.
• Integrated Turbo 8051 processor.
• Integrated 32K bytes SRAM for common data buffer.
• Integrated 160K bytes Mask ROM for 8051 program memory.
• HCI universal connect interface provides access to other physical host interfaces (i.e. USB, UART.).
• Full-speed UART host interface.
• Selectable reference clock frequencies.
• Protocol Stack available, including drivers, link manager, and HCI.
• 48 QFN package

Applications
    ISSC IS1002 can be applied to short-range wireless connectivity. Typical applications could include headsets, laptop and desktop computers, digital cameras, PDA’s, and wireless computer peripherals such as printers and wireless LAN cards.




Similar Part No. - IS1002

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
IS100 SILICOM-IS100 Datasheet
519Kb / 10P
Silicom 100G Intelligent Bypass Switch
logo
List of Unclassifed Man...
IS1000HG ETC2-IS1000HG Datasheet
511Kb / 4P
Isolation Transformer - Medical Grade line noise reduction and spike suppression
logo
Silicom Ltd.
IS100G-Q-48 SILICOM-IS100G-Q-48 Datasheet
519Kb / 10P
Silicom 100G Intelligent Bypass Switch
IS100G-Q-US SILICOM-IS100G-Q-US Datasheet
519Kb / 10P
Silicom 100G Intelligent Bypass Switch
IS100M100G4BP-CLR4 SILICOM-IS100M100G4BP-CLR4 Datasheet
519Kb / 10P
Silicom 100G Intelligent Bypass Switch
More results


Similar Description - IS1002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
BLUETOOTH BASEBAND
Rev. 2.0
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
Bluetooth baseband controller
Rev. 01-23 April 2004
logo
STMicroelectronics
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
BLUETOOTH BASEBAND
REV. 1
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
Bluetooth Baseband Controller IC
ML70Q5110LA OKI-ML70Q5110LA Datasheet
155Kb / 26P
Bluetooth Baseband Controller IC
ML70Q5111LA OKI-ML70Q5111LA Datasheet
157Kb / 26P
Bluetooth Baseband Controller IC
ML7051LA OKI-ML7051LA Datasheet
164Kb / 24P
Bluetooth Baseband Controller IC
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
Bluetooth Baseband Controller IC
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
Bluetooth Baseband Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com