| Manufacturer | Part # | Datasheet | Description |
 Texas Instruments |
TPS25947
|
7Mb / 62P |
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
|
|
TPS25947
|
7Mb / 65P |
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
|
|
TPS22950
|
1Mb / 22P |
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
|
|
TPS25947
|
6Mb / 71P |
TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
|
|
TPS22950
|
1Mb / 26P |
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020 |
|
TPS25946
|
3Mb / 47P |
TPS25946xx 2.7??3 V, 5.5-A, 28-m廓 eFuse With Bidirectional Current Support
AUGUST 2021 |
|
TPS2597
|
2Mb / 53P |
TPS2597xx 2.7 V??3 V, 7-A, 9.8-m廓 eFuse With Accurate Current Monitor and Transient Overcurrent Blanking
DECEMBER 2021 |
|
TPS2597
|
2Mb / 54P |
TPS2597xx 2.7 V??3 V, 7-A, 9.8-m廓 eFuse With Accurate Current Monitor and Transient Overcurrent Blanking
JANUARY 2022 |
|
TPS25981
|
5Mb / 47P |
TPS25981x 2.7 V??6 V, 10-A, 6-m廓 eFuse with Transient Overcurrent Blanking Timer
APRIL 2022 |
|
TPS22950
|
1Mb / 29P |
TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022 |