Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7015-1064 Datasheet (PDF) - Amphenol Corporation

7015-1064 Datasheet PDF - Amphenol Corporation
Part # 7015-1064
Download  7015-1064 Download
File Size   91.76 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 2.92MM MALE TO 2.92MM BLKHD FEMALE 횠.047 CABLE ASSEMBLY

7015-1064 Datasheet (PDF)

Go To PDF Page Download Datasheet
7015-1064 Datasheet PDF - Amphenol Corporation

Part # 7015-1064
Download  7015-1064 Click to download

File Size   91.76 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 2.92MM MALE TO 2.92MM BLKHD FEMALE 횠.047 CABLE ASSEMBLY

7015-1064 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 7015-1064

ManufacturerPart #DatasheetDescription
logo
Amphenol SV Microwave
7015-1064 SVMICROWAVE-7015-1064 Datasheet
91Kb / 1P
2.92MM MALE TO 2.92MM BLKHD FEMALE Ø.047 CABLE ASSEMBLY
11/20
More results


Similar Description - 7015-1064

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7012-1064-1065 AMPHENOL-7012-1064-1065 Datasheet
142Kb / 1P
SMP FEMALE TO 2.92MM MALE 횠.047 CABLE ASSEMBLY
7015-0990-0991 AMPHENOL-7015-0990-0991 Datasheet
88Kb / 1P
2.92mm R/A MALE TO 2.92mm R/A MALE 횠.047 CABLE ASSEMBLY
7015-1077 AMPHENOL-7015-1077 Datasheet
89Kb / 1P
2.92mm MALE TO 2.92mm BLKHD FEMALE 횠.047 CONFORMABLE CABLE ASSEMBLY
7080-0841 AMPHENOL-7080-0841 Datasheet
78Kb / 1P
SYNAPSE FEMALE TO 2.92mm MALE FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7012-1066-1067 AMPHENOL-7012-1066-1067 Datasheet
63Kb / 1P
SMP FEMALE TO 2.92MM MALE 횠.047 CABLE ASSEMBLY
7032-6759-6860 AMPHENOL-7032-6759-6860 Datasheet
141Kb / 1P
SMPM FEMALE R/A TO 2.92MM MALE 횠.047 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7015-1096 SVMICROWAVE-7015-1096 Datasheet
82Kb / 1P
2.92mm MALE TO 2.92mm MALE Ø.047 CABLE ASSEMBLY
REV.02 04/22
7015-1098 SVMICROWAVE-7015-1098 Datasheet
82Kb / 1P
2.92mm FEMALE BULKHEAD TO 2.92mm MALE 12" Ø.047 CABLE ASSEMBLY
REV.02 04/22
7015-1064 SVMICROWAVE-7015-1064 Datasheet
91Kb / 1P
2.92MM MALE TO 2.92MM BLKHD FEMALE Ø.047 CABLE ASSEMBLY
11/20
7015-1077 SVMICROWAVE-7015-1077 Datasheet
89Kb / 1P
2.92mm MALE TO 2.92mm BLKHD FEMALE Ø.047 CONFORMABLE CABLE ASSEMBLY
REV.01 02/21
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com