Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62398P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62398P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62398P
Download  M62398P Download
File Size   80.16 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8BIT 12CH I2C BUS D.A CONVERTER WITH BUFFER AMPLIFIERS

M62398P Datasheet (PDF)

Go To PDF Page Download Datasheet
M62398P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62398P
Download  M62398P Click to download

File Size   80.16 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8BIT 12CH I2C BUS D.A CONVERTER WITH BUFFER AMPLIFIERS

M62398P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62398P Product details

GENERAL DESCRIPTION
The M62398P,FP is a 12V type CMOS 12-channel D–A converters with output buffer amplifiers.
It can communicate with a microcontroller via few wiring thanks to the adoption of the two-line I2C BUS.
The output buffer amplifier employs AB class output with sinking and sourcing capability of more than 2.5mA ,and an output voltage range is nearly between ground and VrefU.
Maximum 8 ICs can be connected to a bus by using three chip-set pins , so that it is possible to handle up to 96 channels.

FEATURES
• I2C BUS serial data method
• Wide output range Nearly between ground and VrefU(0~12V).
• High output current drive capability Over ±2.5mA
• 2 setting voltage ranges by dual input pins for upper voltage references (VrefU1,U2)

APPLICATION
    Conversion from digital control data to analog control data for both consumer and industrial equipment.
    Gain control and automatic adjustment of DISPLAY-MONITOR or CTV.




Similar Part No. - M62398P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Similar Description - M62398P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62392P MITSUBISHI-M62392P Datasheet
71Kb / 7P
8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62352AGP MITSUBISHI-M62352AGP Datasheet
760Kb / 6P
8BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Rohm
BH2221FV ROHM-BH2221FV Datasheet
80Kb / 6P
8bit 12ch D/A converter
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
12ch 8bit D/A Converter with EEPROM
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P Datasheet
137Kb / 9P
8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62392P RENESAS-M62392P_15 Datasheet
124Kb / 9P
8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com