Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM20G3R135B Datasheet (PDF) - MacMic

MM20G3R135B Datasheet PDF - MacMic
Part # MM20G3R135B
Download  MM20G3R135B Download
File Size   582.89 Kbytes
Page   3 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 1350V 20A RC- IGBT

MM20G3R135B Datasheet (PDF)

Go To PDF Page Download Datasheet
MM20G3R135B Datasheet PDF - MacMic

Part # MM20G3R135B
Download  MM20G3R135B Click to download

File Size   582.89 Kbytes
Page   3 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 1350V 20A RC- IGBT

MM20G3R135B Datasheet (HTML) - MacMic




Similar Part No. - MM20G3R135B

ManufacturerPart #DatasheetDescription
logo
MacMic
MM20G3T135B MACMIC-MM20G3T135B Datasheet
605Kb / 5P
1350V 20A IGBT
More results


Similar Description - MM20G3R135B

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE15GD135P NCEPOWER-NCE15GD135P Datasheet
242Kb / 8P
1350V, 15A, Trench NPT IGBT
NCE15GD135T NCEPOWER-NCE15GD135T Datasheet
237Kb / 8P
1350V, 15A, Trench NPT IGBT
NCE20ED135T NCEPOWER-NCE20ED135T Datasheet
319Kb / 7P
1350V, 20A, Trench FS IGBT
NCE25G135P NCEPOWER-NCE25G135P Datasheet
324Kb / 7P
1350V, 25A, Trench NPT IGBT
NCE25G135T NCEPOWER-NCE25G135T Datasheet
319Kb / 7P
1350V, 25A, Trench NPT IGBT
NCE25GD135P NCEPOWER-NCE25GD135P Datasheet
328Kb / 8P
1350V, 25A, Trench NPT IGBT
NCE25GD135T NCEPOWER-NCE25GD135T Datasheet
323Kb / 8P
1350V, 25A, Trench NPT IGBT
logo
Alpha & Omega Semicondu...
AOK20B135D1 AOSMD-AOK20B135D1 Datasheet
718Kb / 8P
1350V, 20A Alpha IGBT TM with Diode
logo
Infineon Technologies A...
IEWS20R5135IPB INFINEON-IEWS20R5135IPB Datasheet
1Mb / 28P
IPD Protect IGBT 20A/1350V RC-H5 technology with driver IC
Revision 2.3 2020-05-27
logo
MacMic
MM20G3T135B MACMIC-MM20G3T135B Datasheet
605Kb / 5P
1350V 20A IGBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com