Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM120G3T65BM Datasheet (PDF) - MacMic

MM120G3T65BM Datasheet PDF - MacMic
Part # MM120G3T65BM
Download  MM120G3T65BM Download
File Size   620.46 Kbytes
Page   5 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 650V 120A IGBT

MM120G3T65BM Datasheet (PDF)

Go To PDF Page Download Datasheet
MM120G3T65BM Datasheet PDF - MacMic

Part # MM120G3T65BM
Download  MM120G3T65BM Click to download

File Size   620.46 Kbytes
Page   5 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 650V 120A IGBT

MM120G3T65BM Datasheet (HTML) - MacMic




Similar Part No. - MM120G3T65BM

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1203 MITSUMI-MM1203 Datasheet
125Kb / 6P
RGB Video Amplifier for Monitors Monolithic IC
MM1203ND MITSUMI-MM1203ND Datasheet
125Kb / 6P
RGB Video Amplifier for Monitors Monolithic IC
MM1205 MITSUMI-MM1205 Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
MM1205XD MITSUMI-MM1205XD Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
MM1206 MITSUMI-MM1206 Datasheet
56Kb / 2P
Monolithic IC MM1206
More results


Similar Description - MM120G3T65BM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGPF120N30 FAIRCHILD-FGPF120N30 Datasheet
885Kb / 7P
300V, 120A PDP IGBT
logo
IXYS Corporation
IXXH40N65B4H1 IXYS-IXXH40N65B4H1 Datasheet
181Kb / 8P
XPTTM 650V IGBT
IXXH80N65B4H1 IXYS-IXXH80N65B4H1 Datasheet
217Kb / 7P
XPTTM 650V IGBT
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
XPTTM 650V IGBT
logo
Renesas Technology Corp
RBN40H65T1FPQ-A0 RENESAS-RBN40H65T1FPQ-A0 Datasheet
309Kb / 5P
650V - 40A - IGBT
RJH65D27BDPQ-A0 RENESAS-RJH65D27BDPQ-A0 Datasheet
588Kb / 11P
650V - 50A - IGBT
logo
MacMic
MM50GBU65B MACMIC-MM50GBU65B Datasheet
363Kb / 5P
650V 50A IGBT
September 2022 Version 04
MM75G5T65B MACMIC-MM75G5T65B Datasheet
762Kb / 7P
650V 75A IGBT
June 2022 Version 01
MM75G5U65BKX MACMIC-MM75G5U65BKX Datasheet
733Kb / 7P
650V 75A IGBT
March 2022 Version 01
MM75G5U65BX MACMIC-MM75G5U65BX Datasheet
313Kb / 7P
650V 75A IGBT
September 2021 Version 02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com