Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMD160S140B Datasheet (PDF) - MacMic

MMD160S140B Datasheet PDF - MacMic
Part # MMD160S140B
Download  MMD160S140B Download
File Size   196.94 Kbytes
Page   3 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 160A Rectifier Diode Module

MMD160S140B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMD160S140B Datasheet PDF - MacMic

Part # MMD160S140B
Download  MMD160S140B Click to download

File Size   196.94 Kbytes
Page   3 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 160A Rectifier Diode Module

MMD160S140B Datasheet (HTML) - MacMic




Similar Part No. - MMD160S140B

ManufacturerPart #DatasheetDescription
logo
MacMic
MMD160AB160B MACMIC-MMD160AB160B Datasheet
249Kb / 3P
160A 1600V Rectifier Diode Module
MMD160F200X MACMIC-MMD160F200X Datasheet
1Mb / 3P
160A Three-Phase Rectifier Bridge Module
More results


Similar Description - MMD160S140B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMD160S180DK MICROSS-MIMMD160S180DK Datasheet
1Mb / 2P
1800V 160A Rectifier Diode Module RoHS Compliant
MIMMD160S180B MICROSS-MIMMD160S180B Datasheet
1Mb / 2P
1800V 160A Rectifier Diode Module RoHS Compliant
MIMMD160S160DK MICROSS-MIMMD160S160DK Datasheet
1Mb / 2P
1600V 160A Rectifier Diode Module RoHS Compliant
MIMMD160S160B MICROSS-MIMMD160S160B Datasheet
1Mb / 2P
1600V 160A Rectifier Diode Module RoHS Compliant
MIMMD160S120DK MICROSS-MIMMD160S120DK Datasheet
1Mb / 2P
1200V 160A Rectifier Diode Module RoHS Compliant
MIMMD160S120B MICROSS-MIMMD160S120B Datasheet
1Mb / 2P
1200V 160A Rectifier Diode Module RoHS Compliant
logo
Naina Semiconductor ltd...
NDD160C NAINA-NDD160C Datasheet
227Kb / 3P
Diode/Diode Module, 160A
logo
MacMic
MMD160AB160B MACMIC-MMD160AB160B Datasheet
249Kb / 3P
160A 1600V Rectifier Diode Module
MMD160F200X MACMIC-MMD160F200X Datasheet
1Mb / 3P
160A Three-Phase Rectifier Bridge Module
MMK160S160B MACMIC-MMK160S160B Datasheet
455Kb / 4P
160A Thyristor/Diode Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com