Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8152FVM Datasheet (PDF) - Rohm

BD8152FVM Datasheet PDF - Rohm
Part # BD8152FVM
Download  BD8152FVM Download
File Size   355.0 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description TFT-LCD Bias Boost Converter

BD8152FVM Datasheet (PDF)

Go To PDF Page Download Datasheet
BD8152FVM Datasheet PDF - Rohm

Part # BD8152FVM
Download  BD8152FVM Click to download

File Size   355.0 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description TFT-LCD Bias Boost Converter

BD8152FVM Datasheet (HTML) - Rohm


BD8152FVM Product details

Description
BD8152FVM,BD8158FVM are the 1-channel step-up switching regulator which builds in the low voltage FET. Input voltage is 2.5 V to 5.5 V (BD8152FVM), 2.1V to 5.5V(BD8158FVM) realizing the low consumption power. High accuracy feedback voltage r1% is established and the brightness dispersion of TFT-LCD panel is suppressed.

Features
1) Current mode PWM system
2) Input voltage is 2.5 V to 5.5 V (BD8152FVM), 2.1 V to 5.5 V (BD8158FVM, providing the low power input)
3) Switching frequency is variable as 600 kHz/1,200 kHz.
4) Built-in 0.25 ǡ power switch
5) Feedback voltage 1.245 r 1%
6) Built-in under-voltage lockout protection circuit
7) Built-in overcurrent protection circuit
8) Built-in thermal shutdown circuit

Applications
    7 to 17 inches panels for the satellite navigation system, laptop PC
    TFT-LCD panels




Similar Part No. - BD8152FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
443Kb / 18P
High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM Datasheet
444Kb / 18P
High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM Datasheet
849Kb / 18P
High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM-E2 ROHM-BD8152FVM-E2 Datasheet
444Kb / 18P
High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM-TR ROHM-BD8152FVM-TR Datasheet
1Mb / 27P
Boost Converter with Integrated FET
More results


Similar Description - BD8152FVM

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
logo
Rohm
BD8151EFV ROHM-BD8151EFV Datasheet
397Kb / 6P
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8157EFV ROHM-BD8157EFV Datasheet
333Kb / 6P
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
Diodes Incorporated
ZXLB1600 DIODES-ZXLB1600 Datasheet
232Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
SEPTEMBER 2003
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
Quad-Output TFT LCD Bias DC-DC Converter
logo
Diodes Incorporated
ZXLD1615Q DIODES-ZXLD1615Q Datasheet
654Kb / 11P
AUTOMOTIVE COMPLIANT HIGH LCD BIAS GENERATOR BOOST CONVERTER
Rev 1
ZXLD1615Q DIODES-ZXLD1615Q_17 Datasheet
505Kb / 12P
AUTOMOTIVE COMPLIANT LCD BIAS GENERATOR BOOST CONVERTER
Rev 2
logo
ETA SOLUTIONS CO. LIMIT...
ETA1617 ETA-ETA1617 Datasheet
160Kb / 1P
40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Shenzhen Huazhimei Semi...
HM5666B HMSEMI-HM5666B Datasheet
1Mb / 7P
40V Boost Converter for LED driver / TFT Bias / USB Power
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com