Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI11200G Datasheet (PDF) - Vishay Siliconix

GI11200G Datasheet PDF - Vishay Siliconix
Part # GI11200G
Download  GI11200G Download
File Size   78.04 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature High Voltage Glass Passivated Plastic Rectifier

GI11200G Datasheet (PDF)

Go To PDF Page Download Datasheet
GI11200G Datasheet PDF - Vishay Siliconix

Part # GI11200G
Download  GI11200G Click to download

File Size   78.04 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature High Voltage Glass Passivated Plastic Rectifier

GI11200G Datasheet (HTML) - Vishay Siliconix


GI11200G Product details

• Superectifier structure for high reliability
application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Typical IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106




Similar Part No. - GI11200G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GI1101 GE-GI1101 Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
GI1101 NJSEMI-GI1101 Datasheet
431Kb / 1P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
General Semiconductor
GI1102 GE-GI1102 Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
GI1102 NJSEMI-GI1102 Datasheet
431Kb / 1P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
VoltarisTech Inc
GI1102 VOLTARISTECH-GI1102 Datasheet
376Kb / 2P
SINTERED GLASS JUNCTION SUPERFAST EFFICIENT RECTIFIER
Rev.A1
More results


Similar Description - GI11200G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GI1-1200 GE-GI1-1200 Datasheet
52Kb / 2P
MINIATURE HIGH VOLTAGE GLASS PASSIVATED RECTIFIER
MPG06A GE-MPG06A Datasheet
50Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
List of Unclassifed Man...
BY126MGP ETC-BY126MGP Datasheet
94Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GI1-1200GP VISHAY-GI1-1200GP Datasheet
80Kb / 4P
Miniature High Voltage Glass Passivated Rectifier
15-Mar-11
MPG06A VISHAY-MPG06A Datasheet
78Kb / 4P
Miniature Glass Passivated Junction Plastic Rectifier
15-Mar-11
logo
New Jersey Semi-Conduct...
1N4383GP NJSEMI-1N4383GP Datasheet
156Kb / 1P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
MPG06A TAYCHIPST-MPG06A Datasheet
2Mb / 2P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GI1-1600GP-E3 VISHAY-GI1-1600GP-E3 Datasheet
80Kb / 4P
Miniature High Voltage Glass Passivated Rectifier
15-Mar-11
MPG06M-E3 VISHAY-MPG06M-E3 Datasheet
75Kb / 4P
Miniature Glass Passivated Junction Plastic Rectifier
04-Jul-13
GI1-1200GP VISHAY-GI1-1200GP_V01 Datasheet
78Kb / 5P
Miniature High Voltage Glass Passivated Plastic Rectifier
29-Apr-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com