| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
H465
|
94Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 4 poles, 350 hp, 600 VAC/DC, NEMA 1
Jun 7, 2021 |
|
H365R
|
137Kb / 4P |
Safety switch, heavy duty, fusible, 400A, 3 poles, 250 hp, 600 VAC/DC, NEMA 3R
Jun 2, 2021 |
|
H365AWK
|
111Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 3 poles, 250 hp, 600 VAC/DC, NEMA 12
Jun 3, 2021 |
|
H265R
|
112Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 2 poles, 250 hp, 600 VAC/DC, NEMA 3R
Jun 7, 2021 |
|
H265
|
94Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 2 poles, 250 hp, 600 VAC/DC, NEMA 1
Jun 7, 2021 |
|
H265AWK
|
111Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 2 poles, 250 hp, 600 VAC/DC, NEMA 12
Jun 16, 2021 |
|
H365RVW
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 3 poles, 250 hp, 600 VAC/DC, NEMA 3R, viewing window
Jun 17, 2021 |
|
H365AWKVW
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 3 poles, 250 hp, 600 VAC/DC, NEMA 12, viewing window
Jun 21, 2021 |
|
H365AWKEI
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 3 poles, 250 hp, 600 VAC/DC, NEMA 12, interlock kit
Jun 21, 2021 |
|
H365AWKEI2
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 3 poles, 250 hp, 600 VAC/DC, NEMA 12, interlock kit
Jun 22, 2021 |
|