| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
HU364AWK
|
97Kb / 2P |
Safety switch, heavy duty, non fusible, 200A, 3 poles, 150 hp, 600 VAC/DC, NEMA 12
Jun 3, 2021 |
|
H364AWK
|
96Kb / 2P |
Safety switch, heavy duty, fusible, 200A, 3 poles, 150 hp, 600 VAC/DC, NEMA 12
Jun 3, 2021 |
|
H364A
|
108Kb / 2P |
Safety switch, heavy duty, fusible, 200A, 3 poles, 150 hp, 600 VAC/DC, NEMA 12K
Jun 7, 2021 |
|
H364
|
122Kb / 3P |
Safety switch, heavy duty, fusible, 200A, 3 poles, 150 hp, 600 VAC/DC, NEMA 1
Jun 2, 2021 |
|
HU664AWK
|
104Kb / 2P |
Safety switch, heavy duty, non fusible, 200A, 6 poles, 150 hp, 600 VAC/DC, NEMA 12
Jun 14, 2021 |
|
HU464
|
121Kb / 2P |
Safety switch, heavy duty, non fusible, 200A, 4 poles, 150 hp, 600 VAC/DC, NEMA1
Jun 14, 2021 |
|
H664AWK
|
86Kb / 2P |
Safety switch, heavy duty, fusible, 200A, 4 poles, 150 hp, 600 VAC/DC, NEMA 12
Jun 14, 2021 |
|
H464AWK
|
105Kb / 2P |
Safety switch, heavy duty, fusible, 200A, 4 poles, 150 hp, 600 VAC/DC, NEMA 12
Jun 14, 2021 |
|
HU364A
|
107Kb / 2P |
Safety switch, heavy duty, non fusible, 200A, 3 poles, 150 hp, 600 VAC/DC, NEMA 12K
Jun 16, 2021 |
|
HU464AWKVW
|
64Kb / 2P |
Safety switch, heavy duty, non fusible, 200A, 4 poles, 150 hp, 600 VAC/DC, NEMA 12, viewing window
Jun 22, 2021 |
|