| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
HU362RB
|
142Kb / 3P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, NEMA 3R, bolt-on hub,
Jun 2, 2021 |
|
H362RB
|
145Kb / 3P |
Safety switch, heavy duty, fusible, 60A, 3 poles 50 hp, 600 VAC/DC, NEMA 3R, bolt-on hub,
Jun 3, 2021 |
|
HU362RBEI
|
120Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, NEMA 3R, bolt-on hub, interlock kit
Jun 16, 2021 |
|
HU362RBVW
|
114Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, NEMA 3R, bolt-on hub, interlock kit
Jun 17, 2021 |
|
HU362RBLC
|
64Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, NEMA 3R, bolt-on hub, consumer packaging
Jun 21, 2021 |
|
HU362AC
|
120Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, NEMA 12K, consumer packaging
Jun 17, 2021 |
|
HU362RBSPLO
|
64Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, NEMA 3R, bolt-on hub, lock-on provision
Jun 22, 2021 |
|
HU362RBEI2
|
120Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, NEMA 3R, bolt-on hub, consumer packaging
Jun 22, 2021 |
|
H362ARBVW
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 60A, 3 poles, 50 hp, 600 VAC/DC, NEMA 3R, bolt-on hub,
Jun 22, 2021 |
|
H362ARB
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 60A, 3 poles, 50 hp, 600 VAC/DC, NEMA 3R, bolt-on hub,
Jun 22, 2021 |
|