| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
HU362AWK
|
111Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, NEMA 12
Jun 3, 2021 |
|
HU362A
|
105Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, NEMA 12K
Jun 7, 2021 |
|
HU362
|
138Kb / 3P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, NEMA1
Jun 2, 2021 |
|
HU462
|
120Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 4 poles, 60 hp, 600 VAC/DC, NEMA1
Jun 14, 2021 |
|
HU362EI
|
120Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, interlock kit
Jun 16, 2021 |
|
HU362VW
|
64Kb / 2P |
Safety switch, heavy duty, non fusible, 60A, 3 poles, 60 hp, 600 VAC/DC, interlock kit
Jun 21, 2021 |
|
HU361GL
|
63Kb / 2P |
Safety switch, heavy duty, non fusible, 30A, 3 poles, 30 hp, 600 VAC/DC, equipment ground lugs
Jun 17, 2021 |
|
H362RBGL
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 60A, 3 poles, 50 hp, 600 VAC/DC, NEMA 3R, bolt-on hub, equipment ground lugs
Jun 21, 2021 |
|
H361GL
|
63Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, equipment ground lugs
Jun 17, 2021 |
|
H365AWKGL
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 3 poles, 250 hp, 600 VAC/DC, NEMA 12, equipment ground lugs
Jun 22, 2021 |
|