Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXM15065 Datasheet (PDF) - Maxim Integrated Products

MAXM15065 Datasheet PDF - Maxim Integrated Products
Part # MAXM15065
Download  MAXM15065 Download
File Size   1228.41 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4.5V to 60V, 300mA Himalaya uSLIC Step-Down Power Module

MAXM15065 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXM15065 Datasheet PDF - Maxim Integrated Products

Part # MAXM15065
Download  MAXM15065 Click to download

File Size   1228.41 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4.5V to 60V, 300mA Himalaya uSLIC Step-Down Power Module

MAXM15065 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAXM15065

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM15065EVKIT MAXIM-MAXM15065EVKIT Datasheet
980Kb / 9P
MAXM15065 3.3V Output-Voltage Application
Rev 0; 6/19
More results


Similar Description - MAXM15065

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17532 MAXIM-MAXM17532 Datasheet
1,005Kb / 17P
4V to 42V, 100mA, Himalaya uSLIC Step-Down Power Module
Rev 5; 5/18
MAXM15462 MAXIM-MAXM15462 Datasheet
865Kb / 19P
4.5V to 42V, 300mA Himalaya uSLIC Step-Down Power Module
Rev 2; 3/18
MAXM15465 MAXIM-MAXM15465 Datasheet
1Mb / 26P
4.5V to 42V, 300mA Himalaya uSLIC Step-Down Power Module
Rev 0; 12/18
MAXM17901 MAXIM-MAXM17901 Datasheet
895Kb / 21P
4.5V to 24V, 300mA Himalaya uSLIC Step-Down Power Module
Rev 1; 11/18
MAXM15068 MAXIM-MAXM15068 Datasheet
3Mb / 18P
7.5V to 60V, 200mA Himalaya uSLIC Step-Down Power Module
Rev 0; 9/19
MAXM17904 MAXIM-MAXM17904 Datasheet
1Mb / 26P
4.5V to 24V, 300mA Himalaya uSLIC Step-Down Power Module
Rev 0; 3/19
MAXM17630 MAXIM-MAXM17630 Datasheet
1Mb / 32P
4.5V to 36V, 1A Himalaya uSLIC Step-Down Power Module
Rev 1; 10/19
MAXM17633 MAXIM-MAXM17633 Datasheet
1Mb / 29P
4.5V to 36V, 2A Himalaya uSLIC Step-Down Power Modules
19-100594; Rev 0; 7/19
MAXM17532 MAXIM-MAXM17532_V01 Datasheet
1,018Kb / 17P
4V to 42V, 100mA, Himalaya uSLIC Step-Down Power Module
2020
logo
Analog Devices
MAXM17572 AD-MAXM17572 Datasheet
1Mb / 28P
4.5V to 60V, 1A Himalaya uSLIC Step-Down Power Module
Rev 0; 9/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com