Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3F8274 Datasheet (PDF) - Samsung semiconductor

S3F8274 Datasheet PDF - Samsung semiconductor
Part # S3F8274
Download  S3F8274 Download
File Size   1476.32 Kbytes
Page   326 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 8-BIT CMOS MICROCONTROLLERS

S3F8274 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3F8274 Datasheet PDF - Samsung semiconductor

Part # S3F8274
Download  S3F8274 Click to download

File Size   1476.32 Kbytes
Page   326 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 8-BIT CMOS MICROCONTROLLERS

S3F8274 Datasheet (HTML) - Samsung semiconductor


S3F8274 Product details

PRODUCT OVERVIEW
S3C8-SERIES MICROCONTROLLERS
Samsungs S3C8 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-programmable ROM sizes. Among the major CPU features are:
   — Efficient register-oriented architecture
   — Selectable CPU clock sources
   — Idle and Stop power-down mode release by interrupt or reset
   — Built-in basic timer with watchdog function
A sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more interrupt sources and vectors. Fast interrupt processing (within a minimum of four CPU clocks) can be assigned to specific interrupt levels.

S3C8275/F8275/C8278/F8278/C8274/F8274 MICROCONTROLLER
The S3C8275/F8275/C8278/F8278/C8274/F8274 single-chip CMOS microcontrollers are fabricated using the highly advanced CMOS process, based on Samsungs latest CPU architecture.
The S3C8275/C8278/C8274 is a microcontroller with a 16/8/4K-byte mask-programmable ROM embedded.
The S3F8275/F8278/F8274 is a microcontroller with a 16/8/4K-byte flash ROM embedded.

Using a proven modular design approach, Samsung engineers have successfully developed the S3C8275/F8275/C8278/F8278/C8274/F8274 by integrating the following peripheral modules with the powerful SAM8 core:
— Seven programmable I/O ports, including six 8-bit ports and one 4-bit port, for a total of 52 pins.
— Eight bit-programmable pins for external interrupts.
— One 8-bit basic timer for oscillation stabilization and watchdog function (system reset).
— Two 8-bit timer/counter with selectable operating modes.
— Watch timer for real time




Similar Part No. - S3F8274

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3F8235 SAMSUNG-S3F8235 Datasheet
3Mb / 340P
8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3F8285 SAMSUNG-S3F8285 Datasheet
3Mb / 369P
8-BIT CMOS MICROCONTROLLERS
S3F8289 SAMSUNG-S3F8289 Datasheet
3Mb / 369P
8-BIT CMOS MICROCONTROLLERS
S3F828B SAMSUNG-S3F828B Datasheet
3Mb / 369P
8-BIT CMOS MICROCONTROLLERS
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
S3 Family 8-Bit Microcontrollers
More results


Similar Description - S3F8274

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
8-Bit CMOS Microcontrollers
1997 - 1999
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
CMOS 8-BIT MICROCONTROLLERS
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
8-BIT CMOS MICROCONTROLLERS
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
8-Bit CMOS Microcontrollers
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
CMOS 8-Bit Microcontrollers
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C828B SAMSUNG-S3C828B Datasheet
3Mb / 369P
8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
8-BIT CMOS MICROCONTROLLERS
logo
Microchip Technology
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com