| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
HU365DS
|
106Kb / 2P |
Safety switch, heavy duty, non fusible, 400A, 3poles, 350 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
Jun 3, 2021 |
|
H365NDS
|
116Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 3 poles, 250 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel, neutral
Jun 7, 2021 |
|
H365DS
|
159Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 3 poles, 250 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
Jun 7, 2021 |
|
H664DS
|
121Kb / 2P |
Safety switch, heavy duty, fusible, 200A, 4 poles, 150 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
Jun 16, 2021 |
|
H225NDS
|
159Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 2 poles, 125 hp, 240 VAC/250 VDC, NEMA 4, 4X, 5, 304 steel, neutral
Jun 16, 2021 |
|
H225DS
|
159Kb / 2P |
Safety switch, heavy duty, fusible, 400A, 2 poles, 50 hp, 240 VAC/250 VDC, NEMA 4, 4X, 5, 304 steel
Jun 16, 2021 |
|
H464DS
|
108Kb / 2P |
Safety switch, heavy duty, fusible, 200A, 4 poles, 150 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
Jun 21, 2021 |
|
H463DS
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 100A, 4 poles, 75 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
Jun 21, 2021 |
|
H462DS
|
65Kb / 2P |
Safety switch, heavy duty, fusible, 60A, 4 poles 50 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
Jun 17, 2021 |
|
H461DS
|
65Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 4 poles, 25 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
Jun 17, 2021 |
|