Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMA28CA Datasheet (PDF) - Microsemi Corporation

UMA28CA Datasheet PDF - Microsemi Corporation
Part # UMA28CA
Download  UMA28CA Download
File Size   255.13 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V

UMA28CA Datasheet (PDF)

Go To PDF Page Download Datasheet
UMA28CA Datasheet PDF - Microsemi Corporation

Part # UMA28CA
Download  UMA28CA Click to download

File Size   255.13 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V

UMA28CA Datasheet (HTML) - Microsemi Corporation


UMA28CA Product details

DESCRIPTION
These 500 watt transient voltage suppressors offer capabilities only found in larger packages. They are used for protecting against a variety of transients from inductive switching environments or lower levels of induced secondary lightning effects of IEC61000-4-5. It offers the same size footprint as the popular DO-214AC or BA package outlines except with a much lower profile height. Its robust configuration in a “2010” style MELF package prevents damage to extended-lead terminals and virtually eliminates inductive parasitics from fast rise-time transients with very short internal/external conduction paths. They are also very effective in protection from ESD or EFT per IEC61000-4-2 and IEC61000-4-4.

FEATURES
• Available as a unidirectional or bidirectional device (bidirectional with CA suffix)
• Fast response time
• Suppresses transients up to 500 W @ 10/1000 µs (see Figure 1, 2, and 3).
• Robust 2010 MELF style flat package configuration for accurate pick-and-place handling
• Fits same small narrow PCB pad layouts as “SMAJ” packages in JEDEC DO-214AC (or BA)
• Very low height profile (approximately 1 mm)
• Available on Tape and Reel
• Built-in stress relief with similar COE as PC boards
• Optional Lead-Free design/finish (UMAF5.0A-170CA)
• Options for screening in accordance with MIL-PRF-19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers.

APPLICATIONS / BENEFITS
• Protects sensitive components such as IC’s, CMOS, Bipolar, BiCMOS, ECL, DTL, T2L, etc.
• Protection from switching transients & induced RF
• Compliant to IEC61000-4-2 and IEC61000-4-4 for ESD and EFT protection respectively
• Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
   Class 1: UMA5.0 to UMA100A or CA
   Class 2: UMA5.0 to UMA51A or CA
   Class 3: UMA5.0 to UMA24A or CA
   Class 4: UMA5.0 to UMA12A or CA
• Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
   Class 1: UMA5.0 to UMA30A or CA
   Class 2: UMA5.0 to UMA16A or CA
• Virtually zero inductive parasitics with minimal Ldi/dt voltage overshoots for fast-rise-time transients




Similar Part No. - UMA28CA

ManufacturerPart #DatasheetDescription
logo
Rohm
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
Emitter common (dual digital transistors)
UMA2N ROHM-UMA2N Datasheet
444Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMA2N ROHM-UMA2N Datasheet
1Mb / 9P
Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
444Kb / 7P
Built-In Biasing Resistors, R1 = R2 = 47kW.
UMA2NTR ROHM-UMA2NTR Datasheet
444Kb / 7P
Built-In Biasing Resistors, R1 = R2 = 47kW.
More results


Similar Description - UMA28CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com