Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC642A Datasheet (PDF) - Vishay Siliconix

SIC642A Datasheet PDF - Vishay Siliconix
Part # SIC642A
Download  SIC642A Download
File Size   64.52 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 50 A VRPower® Integrated Power Stage

SIC642A Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC642A Datasheet PDF - Vishay Siliconix

Part # SIC642A
Download  SIC642A Click to download

File Size   64.52 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 50 A VRPower® Integrated Power Stage

SIC642A Datasheet (HTML) - Vishay Siliconix


SIC642A Product details

• Highly efficient
- Thermally enhanced PowerPAK® MLP55-31L
package
- Vishay’s latest TrenchFET technology and low
side MOSFET with integrated Schottky diode
- Integrated, low impedance, bootstrap switch
- Power MOSFETs optimized for 12 V input stage
- Supports PS4 mode light load requirement with low
shutdown supply current (5 V, 3 μA)
- Zero current detection for improved light load efficiency
• Highly versatile
- 5 V and 3.3 V PWM logic with tri-state and hold-off timer
- 5 V DSBL#, ZCD_EN# logic with PS4 state support
- High frequency operation up to 2 MHz
• Robust and reliable
- Delivers in excess of 50 A continuous current, 70 A,
peak (10 ms) and 100 A, peak (10 μs)
- Over current protection
- Over temperature flag
- Over temperature protection
- Undervoltage lockout protection
- High side MOSFET short detection
• Effective monitoring and reporting
- Accurate temperature reporting
- Warnings and faults reporting flag




Similar Part No. - SIC642A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC641 VISHAY-SIC641 Datasheet
278Kb / 16P
55 A VRPower® Integrated Power Stage
21-Oct-2019
SIC641A VISHAY-SIC641A Datasheet
278Kb / 16P
55 A VRPower® Integrated Power Stage
21-Oct-2019
SIC641ACD-T1-GE3 VISHAY-SIC641ACD-T1-GE3 Datasheet
278Kb / 16P
55 A VRPower® Integrated Power Stage
21-Oct-2019
SIC641ADB VISHAY-SIC641ADB Datasheet
278Kb / 16P
55 A VRPower® Integrated Power Stage
21-Oct-2019
SIC641CD-T1-GE3 VISHAY-SIC641CD-T1-GE3 Datasheet
278Kb / 16P
55 A VRPower® Integrated Power Stage
21-Oct-2019
More results


Similar Description - SIC642A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
30 A VRPower Integrated Power Stage
02-Nov-15
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
50 A VRPower Integrated Power Stage
27-Jun-16
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
50 A VRPower Integrated Power Stage
30-Nov-15
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
35 A VRPower® Integrated Power Stage
14-Nov-16
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
30 A VRPower® Integrated Power Stage
10-Oct-16
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
60 A VRPower Integrated Power Stage
08-Dec-14
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
60 A VRPower Integrated Power Stage
03-Nov-14
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
60 A VRPower® Integrated Power Stage
08-Dec-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com