Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC15227 Datasheet (PDF) - List of Unclassifed Manufacturers

HC15227 Datasheet PDF - List of Unclassifed Manufacturers
Part # HC15227
Download  HC15227 Download
File Size   153.19 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Breake Away Header .025(0.64mm) Square Posts

HC15227 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC15227 Datasheet PDF - List of Unclassifed Manufacturers

Part # HC15227
Download  HC15227 Click to download

File Size   153.19 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Breake Away Header .025(0.64mm) Square Posts

HC15227 Datasheet (HTML) - List of Unclassifed Manufacturers


HC15227 Product details

[FOXCONN]

Breake Away Header .025" (0.64mm) Square Posts




Similar Part No. - HC15227

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HC15 GETEDZ-HC15 Datasheet
120Kb / 1P
15kV 0.7A HIGH VOLTAGE DIODES
logo
Power-One
HC15-3-A POWER-ONE-HC15-3-A Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
SL Power Electronics
HC15-3-A+ SLPOWER-HC15-3-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HC15-3-A+G SLPOWER-HC15-3-A+G Datasheet
374Kb / 7P
DC Power Supplies
logo
Power-One
HC15-3-AG POWER-ONE-HC15-3-AG Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
More results


Similar Description - HC15227

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0345860001 MOLEX4-0345860001 Datasheet
105Kb / 2P
MX123??0.64mm (.025") Grommet Seal Plug
logo
Tyco Electronics
1-102692-3 MACOM-1-102692-3 Datasheet
210Kb / 1P
HEADER ASSEMBLY, MOD II, .100.100CL, .025 SQ POSTS
1-103577-1 MACOM-1-103577-1 Datasheet
133Kb / 1P
ASSEMBLY, BANDOLIER, .100 CL, .025 SQUARE POSTS
6-103323-0 MACOM-6-103323-0 Datasheet
209Kb / 1P
HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, .100, RIGHT ANGLE, WITH .025 SQUARE POSTS
6-103577-1 MACOM-6-103577-1 Datasheet
133Kb / 1P
ASSEMBLY, BANDOLIER, .100 CL, .025 SQUARE POSTS
6-103759-1 MACOM-6-103759-1 Datasheet
144Kb / 1P
ASSEMBLY, MOD II, HEADER, BREAKAWAY, SINGLE ROW, RIGHT ANGLE 100CL, WITH .025 SQUARE POSTS
6-103765-1 MACOM-6-103765-1 Datasheet
152Kb / 1P
ASSEMBLY, MOD II, HEADER, BREAKAWAY, SINGLE ROW, RIGHT ANGLE 100, WITH .025 SQUARE POSTS
87227-1 MACOM-87227-1 Datasheet
104Kb / 1P
ASSEMBLY, MOD II, HEADER, DOUBLE ROW, .100 X .100 CL, VERTICAL, .025 SQUARE POSTS
3-103321-6 MACOM-3-103321-6 Datasheet
154Kb / 1P
ASSEMBLY, HEADER, BREAKAWAY, MOD II, SINGLE ROW, .100 C/L, VERTICAL, WITH .025 SQUARE POSTS
2-102976-5 MACOM-2-102976-5 Datasheet
122Kb / 1P
HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com