Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F9221L Datasheet (PDF) - Fuji Electric

F9221L Datasheet PDF - Fuji Electric
Part # F9221L
Download  F9221L Download
File Size   225.43 Kbytes
Page   10 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description F9222L VDS 500V,RDS 0.9 Ohm,VCC 16.5V

F9221L Datasheet (PDF)

Go To PDF Page Download Datasheet
F9221L Datasheet PDF - Fuji Electric

Part # F9221L
Download  F9221L Click to download

File Size   225.43 Kbytes
Page   10 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description F9222L VDS 500V,RDS 0.9 Ohm,VCC 16.5V

F9221L Datasheet (HTML) - Fuji Electric




Similar Part No. - F9221L

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F92 NICHICON-F92 Datasheet
62Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F92 NICHICON-F92 Datasheet
50Kb / 3P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
PANDUIT CORP.
F92-32-L PANDUIT-F92-32-L Datasheet
616Kb / 2P
Large Ferrule Crimping Dies
5/2014
F92-38-L PANDUIT-F92-38-L Datasheet
616Kb / 2P
Large Ferrule Crimping Dies
5/2014
logo
Nichicon corporation
F920E107MBA NICHICON-F920E107MBA Datasheet
109Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Similar Description - F9221L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR4105Z IRF-IRFR4105Z Datasheet
206Kb / 11P
Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A)
IRSF3010 IRF-IRSF3010 Datasheet
483Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
0.9 OHM SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
0.9-OHM SPST ANALOG SWITCH
logo
TRANSYS Electronics Lim...
IRF840 TEL-IRF840 Datasheet
152Kb / 1P
Power MOSFET ( VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A )
logo
Diodes Incorporated
BS170F DIODES-BS170F Datasheet
26Kb / 1P
60Volt VDS
JANUARY 1996
logo
MagnaChip Semiconductor...
MDF7N50 MGCHIP-MDF7N50 Datasheet
746Kb / 6P
N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP7N50B MGCHIP-MDP7N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com