Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC62LS1008GC Datasheet (PDF) - List of Unclassifed Manufacturers

UC62LS1008GC Datasheet PDF - List of Unclassifed Manufacturers
Part # UC62LS1008GC
Download  UC62LS1008GC Download
File Size   487.28 Kbytes
Page   11 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Low Power CMOS SRAM 128K x 8 Bits

UC62LS1008GC Datasheet (PDF)

Go To PDF Page Download Datasheet
UC62LS1008GC Datasheet PDF - List of Unclassifed Manufacturers

Part # UC62LS1008GC
Download  UC62LS1008GC Click to download

File Size   487.28 Kbytes
Page   11 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Low Power CMOS SRAM 128K x 8 Bits

UC62LS1008GC Datasheet (HTML) - List of Unclassifed Manufacturers


UC62LS1008GC Product details

[U-Chip Technology Corp. LTD.]



Description

The UC62LS1008 is a high performance, very low power CMOS Static Random Access Memory organized as 131,072 words by 8 bits and operates from 3.0V to 3.6V supply voltage. Advanced CMOS technology and circuit techniques provide both high speed and low power features with a typical CMOS standby current of 1uA and maximum access time of 25ns in 3.0V operation.

Easy memory expansion is provided enable (CE), and active LOW output enable (OE) and three-state output drivers.

The UC62LS1008 has an automatic power down feature, reducing the power consumption significantly when chip is deselected.

The UC62LS1008 is available in the JEDEC standard 32 pin 450mil Plastic SOP, 8mmx20.0mm TSOP (type I), and 8mmx13.4mm STSOP.



Features:

• Vcc operation voltage : 3.0V~ 3.6V

• Low power consumption :

   20mA (Max.) operating current

   1uA (Typ.) CMOS standby current

• High Speed Access time :

   25ns (Max.) at Vcc = 3.0V

• Automatic power down when chip is deselected

• Three state outputs and TTL compatible

• Data retention supply voltage as low as 1.2V

• Easy expansion with CE and OE options



 




Similar Part No. - UC62LS1008GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008AC ETC1-UC62LS2008AC Datasheet
540Kb / 11P
Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008AI ETC1-UC62LS2008AI Datasheet
540Kb / 11P
Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008FC ETC1-UC62LS2008FC Datasheet
540Kb / 11P
Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008FI ETC1-UC62LS2008FI Datasheet
540Kb / 11P
Low Power CMOS SRAM 256K X 8 Bits
More results


Similar Description - UC62LS1008GC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
Low Power CMOS SRAM 512K X 8 Bits
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
Low Power CMOS SRAM 256K X 8 Bits
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
128K x 8 Low Power CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
128K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com