Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR1105W Datasheet (PDF) - List of Unclassifed Manufacturers

FR1105W Datasheet PDF - List of Unclassifed Manufacturers
Part # FR1105W
Download  FR1105W Download
File Size   163.39 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description F_1105W Swries, Dome Lens Type AllnGaP SMT LED

FR1105W Datasheet (PDF)

Go To PDF Page Download Datasheet
FR1105W Datasheet PDF - List of Unclassifed Manufacturers

Part # FR1105W
Download  FR1105W Click to download

File Size   163.39 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description F_1105W Swries, Dome Lens Type AllnGaP SMT LED

FR1105W Datasheet (HTML) - List of Unclassifed Manufacturers


FR1105W Product details

[STANLEY]

Features
• High brightness AllnGaP die material
• Dome lens provides intensified narrow, bright beam
• Available for both standard and reverse mounting
• Wider operating temperature: -40° ~ +100°C

Applications
• High-beam indicator for automotive use
• Backlighting for automotive dashboards
• Indoor / outdoor full-color signboards




Similar Part No. - FR1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1105W STANLEY-FR1105W Datasheet
396Kb / 19P
Single Color High Brightness Type
FR1105W STANLEY-FR1105W Datasheet
440Kb / 19P
Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
Single Color High Brightness Type
FR1105W-TR STANLEY-FR1105W-TR Datasheet
440Kb / 19P
3216 Dome Lens Type, Water Clear resin
More results


Similar Description - FR1105W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ218C8ARU1 PANASONIC-LNJ218C8ARU1 Datasheet
29Kb / 1P
Dome-Lens Type
LNJ318C8TRU PANASONIC-LNJ318C8TRU Datasheet
29Kb / 1P
Dome-Lens Type
LNJ318C8TRU1 PANASONIC-LNJ318C8TRU1 Datasheet
29Kb / 1P
Dome-Lens Type
logo
List of Unclassifed Man...
FA1112H ETC1-FA1112H Datasheet
160Kb / 2P
Thin Type AllnGaP SMT LED
logo
STANLEY ELECTRIC CO.,LT...
HKR1105W-TR STANLEY-HKR1105W-TR Datasheet
156Kb / 2P
H 1105W Series, Dome Lens Type SMT LED
logo
PARA LIGHT ELECTRONICS ...
L-C155KGKFCT PARALIGHT-L-C155KGKFCT Datasheet
178Kb / 7P
Dome Lens Chip LED
L-C195KGJYCT PARALIGHT-L-C195KGJYCT Datasheet
209Kb / 7P
Dome Lens Chip LED
logo
STANLEY ELECTRIC CO.,LT...
HDG1105W STANLEY-HDG1105W Datasheet
154Kb / 2P
HD_1105W Series, Dome Lens Type InGaN/SiC SMT LED
logo
Vishay Siliconix
VLDS1235 VISHAY-VLDS1235 Datasheet
238Kb / 11P
Dome Lens SMD LED
27-Feb-15
VLDX1235 VISHAY-VLDX1235 Datasheet
319Kb / 13P
Dome Lens SMD LED
07-Jun-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com