Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68BSI Datasheet (PDF) - Vishay Siliconix

68BSI Datasheet PDF - Vishay Siliconix
Part # 68BSI
Download  68BSI Download
File Size   128.24 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded and Insulated Wirewound Power Resistors Axial Leads

68BSI Datasheet (PDF)

Go To PDF Page Download Datasheet
68BSI Datasheet PDF - Vishay Siliconix

Part # 68BSI
Download  68BSI Click to download

File Size   128.24 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded and Insulated Wirewound Power Resistors Axial Leads

68BSI Datasheet (HTML) - Vishay Siliconix


68BSI Product details

• 1 W to 10 W
• Excellent stability = typical drift ± 1 % after
2000 h
• High power = up to 10 W (25 °C)
• Low ohmic values = 0.01 Ω available
• Electrical insulation
• Climatic protection





Similar Description - 68BSI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMB VISHAY-RMB Datasheet
203Kb / 2P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
RWM062210R0JA15E1 VISHAY-RWM062210R0JA15E1 Datasheet
87Kb / 4P
Enamelled Wirewound Power Resistors Axial Leads
31-Oct-13
RWM06221800JA15E1 VISHAY-RWM06221800JA15E1 Datasheet
87Kb / 4P
Enamelled Wirewound Power Resistors Axial Leads
31-Oct-13
CPW VISHAY-CPW Datasheet
99Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
09-Jan-12
RLP VISHAY-RLP Datasheet
87Kb / 5P
Insulated Precision Wirewound Resistors Axial Leads
02-Apr-15
RMB VISHAY-RMB Datasheet
100Kb / 4P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
RWM VISHAY-RWM Datasheet
80Kb / 4P
Enamelled Wirewound Power Resistors Axial Leads
15-Apr-14
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
05-Feb-2020
CA VISHAY-CA Datasheet
98Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
logo
C&B ELECTRONICS (SHENZH...
EWWR RESI-EWWR Datasheet
453Kb / 1P
Axial Lead Wirewound Resistors
2021/04/28
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com