Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBS Datasheet (PDF) - Vishay Siliconix

GBS Datasheet PDF - Vishay Siliconix
Part # GBS
Download  GBS Download
File Size   128.41 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Vitreous Wirewound Resistors with Corrugated Ribbon

GBS Datasheet (PDF)

Go To PDF Page Download Datasheet
GBS Datasheet PDF - Vishay Siliconix

Part # GBS
Download  GBS Click to download

File Size   128.41 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Vitreous Wirewound Resistors with Corrugated Ribbon

GBS Datasheet (HTML) - Vishay Siliconix


GBS Product details

• UL 508 and CSA C22.2 recognized available;
file no. E499556
• Maximum Voltage to ground: 1000 VAC / VDC
• High power rating up to 1000 W
• Excellent pulse load capability
• Low ohmic values
• Adjustable type (E) available
• Corrugated ribbon construction aids rapid cooling
• Non-flammable and enhanced humidity protection




Similar Part No. - GBS

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GBS-1000 GWINSTEK-GBS-1000 Datasheet
3Mb / 2P
Education Lab and Training Institution
logo
Optoway Technology Inc
GBS-7010G OPTOWAY-GBS-7010G Datasheet
84Kb / 4P
5V / 1310 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7020G OPTOWAY-GBS-7020G Datasheet
143Kb / 8P
5V / 1310 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7030G OPTOWAY-GBS-7030G Datasheet
84Kb / 4P
5V / 1310 nm / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72120-C270G OPTOWAY-GBS-72120-C270G Datasheet
89Kb / 5P
5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
More results


Similar Description - GBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
Vitreous Enamel Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
GWS VISHAY-GWS Datasheet
182Kb / 11P
Vitreous Wirewound Resistors with Lugs
19-Jul-16
GWK VISHAY-GWK Datasheet
843Kb / 8P
Vitreous Wirewound Resistors with Ferrules
20-Apr-2018
ZBS VISHAY-ZBS Datasheet
129Kb / 6P
Cemented Wirewound Resistors with Corrugated Ribbon
12-Sep-2018
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
Vitreous Enamelled Wirewound Resistors
2011/65/EU
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com