Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T24 Datasheet (PDF) - Vishay Siliconix

T24 Datasheet PDF - Vishay Siliconix
Part # T24
Download  T24 Download
File Size   128.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum SMD HI-TMP® Capacitors for 200 °C Operation, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal

T24 Datasheet (PDF)

Go To PDF Page Download Datasheet
T24 Datasheet PDF - Vishay Siliconix

Part # T24
Download  T24 Click to download

File Size   128.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum SMD HI-TMP® Capacitors for 200 °C Operation, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal

T24 Datasheet (HTML) - Vishay Siliconix


T24 Product details

• Advanced SMD packaging with high volumetric
efficiency, patents pending
• Enhanced performance, high reliability design
• SMD, 100 % tin (RoHS-compliant)
• Mounting: surface-mount
• Increased thermal shock capability of 300 cycles
• Designed for oil exploration, avionics, and aerospace
applications where > 150 °C operation is required




Similar Part No. - T24

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T2400 INTEL-T2400 Datasheet
1Mb / 91P
Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
E-SWITCH
T240000 E-SWITCH-T240000 Datasheet
121Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T240001 E-SWITCH-T240001 Datasheet
121Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T240002 E-SWITCH-T240002 Datasheet
121Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T240003 E-SWITCH-T240003 Datasheet
126Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Similar Description - T24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
15-Jan-01
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
26-Sep-06
134D VISHAY-134D Datasheet
95Kb / 3P
Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
10-Oct-08
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
30-Jun-08
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
Wet Tantalum HI-TMP Capacitors Tantalum Case
21-Mar-13
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
11-Jan-16
T22 VISHAY-T22 Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
136D VISHAY-136D Datasheet
109Kb / 7P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
05-Dec-14
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation
10-Aug-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com