Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB667T Datasheet (PDF) - OPTEK Technologies

OPB667T Datasheet PDF - OPTEK Technologies
Part # OPB667T
Download  OPB667T Download
File Size   796.92 Kbytes
Page   5 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description PHOTOLOGIC-R SLOTTED OPTICAL SWITCH

OPB667T Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB667T Datasheet PDF - OPTEK Technologies

Part # OPB667T
Download  OPB667T Click to download

File Size   796.92 Kbytes
Page   5 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description PHOTOLOGIC-R SLOTTED OPTICAL SWITCH

OPB667T Datasheet (HTML) - OPTEK Technologies


OPB667T Product details

Description
The OPB665 series optical switches consist of a monolithic integrated circuit and an infrared emitting diode mounted on opposite sides of a 0.125" (3.18 mm) wide slot.

Features
• Four Output Options
• 0.125" (3.18 mm) Wide Gap
• 0.320" (8.13 mm) Lead Spacing
• N or T Package
• 0.010" Sensor Aperture




Similar Part No. - OPB667T

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB667T TTELEC-OPB667T Datasheet
1Mb / 9P
Photologic Slotted Optical Switch
OPB667T TTELEC-OPB667T Datasheet
891Kb / 9P
Photologic® Slotted Optical Switch
05/2022
More results


Similar Description - OPB667T

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB970N55 TTELEC-OPB970N55 Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com