| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
6EDL04X06XT
|
853Kb / 22P |
200 V and 600 V three-phase gate driver with Over Current Protection (OCP), Enable (EN), Fault and Integrated Bootstrap Diode (BSD)
Version 2.7 2019-03-21 |
|
6ED2230S12T
|
3Mb / 29P |
1200 V Three Phase Gate Driver with Integrated Bootstrap Diode and OCP
2020-03-10 revision:1.3 |
|
IR213
|
917Kb / 36P |
600 V three-phase gate driver IC with OCP, Enable, and Fault
|
|
IR21364PBF
|
708Kb / 20P |
600 V three-phase gate driver IC with OCP, Enable, and Fault
May 31, 2016 |
|
IRS2807DS
|
2Mb / 26P |
600-V High- and Low-Side Driver with Bootstrap Diode
Rev 1.1 2017-11-27 |
|
2ED2304S06F
|
1Mb / 14P |
650 V Half Bridge Gate Driver with Integrated Bootstrap Diode (BSD)
Version 2.6 2020-07-07 |
|
2EDL23
|
2Mb / 21P |
600 V Half Bridge Gate Driver with OCP and Integrated Bootstrap Diode
Version 2.7 2020-07-07 |
|
2ED28073J06F
|
1Mb / 26P |
600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23 |
|
6ED2231S12T
|
1Mb / 25P |
1200 V Three Phase Gate Driver for IGBT/SiC with Integrated Bootstrap Diode and OCP
V 1.2 2022-09-19 |
|
6ED2742S01Q
|
2Mb / 36P |
160 V pre-regulated three phase SOI gate driver with integrated charge pump, current sense amplifier, over-current protection, and bootstrap diodes
V 1.0 2022-04-10 |