Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC553ALC3B Datasheet (PDF) - Analog Devices

HMC553ALC3B Datasheet PDF - Analog Devices
Part # HMC553ALC3B
Download  HMC553ALC3B Download
File Size   376.44 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer

HMC553ALC3B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC553ALC3B Datasheet PDF - Analog Devices

Part # HMC553ALC3B
Download  HMC553ALC3B Click to download

File Size   376.44 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer

HMC553ALC3B Datasheet (HTML) - Analog Devices




Similar Part No. - HMC553ALC3B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC553AG AD-HMC553AG Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC553AG-SX AD-HMC553AG-SX Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
More results


Similar Description - HMC553ALC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC203 HITTITE-HMC203 Datasheet
95Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC203 HITTITE-HMC203_07 Datasheet
116Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC203 HITTITE-HMC203_09 Datasheet
107Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
logo
Analog Devices
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC292ALC3B AD-HMC292ALC3B Datasheet
268Kb / 15P
14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Rev. 0 to Rev. A
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com