Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCMW650 Datasheet (PDF) - Vishay Siliconix

RCMW650 Datasheet PDF - Vishay Siliconix
Part # RCMW650
Download  RCMW650 Download
File Size   194.85 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology

RCMW650 Datasheet (PDF)

Go To PDF Page Download Datasheet
RCMW650 Datasheet PDF - Vishay Siliconix

Part # RCMW650
Download  RCMW650 Click to download

File Size   194.85 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology

RCMW650 Datasheet (HTML) - Vishay Siliconix


RCMW650 Product details

• Technology: thick film deposited on ceramic
• Cold system without external radiation
• High power 650 W at 85 °C bottom case
temperature
• Non-inductive
• Low profile
• Easy assembly, self-calibrated pressure
• Possible configuration with 2 resistors




Similar Part No. - RCMW650

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCM-15 ETC2-RCM-15 Datasheet
258Kb / 2P
Compact 15??rack mount display monitor with 7U height
RCM-17 ETC2-RCM-17 Datasheet
269Kb / 2P
Compact 17??rack mount display monitor with 8U height
RCM-19 ETC2-RCM-19 Datasheet
293Kb / 2P
Compact 19??rack mount display monitor with 8.5U height
logo
Mini-Circuits
RCM-3SP4T-18 MINI-RCM-3SP4T-18 Datasheet
557Kb / 7P
RF SP4T Switch Matrix
REV. A
RCM-3SPDT-75F MINI-RCM-3SPDT-75F Datasheet
798Kb / 8P
3 x SP2T Mechanical Switch Assembly
REV. A
More results


Similar Description - RCMW650

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTOP VISHAY-RTOP Datasheet
462Kb / 4P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
14-Jan-04
RTO20 VISHAY-RTO20 Datasheet
97Kb / 4P
Power Resistors Thick Film Technology
05-Jun-07
RCEC400 VISHAY-RCEC400 Datasheet
104Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
18-Sep-14
RTOP VISHAY-RTOP_15 Datasheet
156Kb / 6P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
09-Nov-15
RCMC VISHAY-RCMC Datasheet
139Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Metal Technology
16-Mar-2020
RCECISO VISHAY-RCECISO Datasheet
107Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
24-Apr-2020
RCEC-850 VISHAY-RCEC-850 Datasheet
206Kb / 6P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
08-Feb-2021
RCEC750 VISHAY-RCEC750 Datasheet
148Kb / 6P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
24-Apr-2020
RCEC500 VISHAY-RCEC500 Datasheet
646Kb / 6P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
09-Sep-2019
RCEC400BS VISHAY-RCEC400BS Datasheet
137Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
05-Jul-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com