Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTPL2516 Datasheet (PDF) - Vishay Siliconix

MTPL2516 Datasheet PDF - Vishay Siliconix
Part # MTPL2516
Download  MTPL2516 Download
File Size   75.32 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Versatile Through-Hole Planar Transformers

MTPL2516 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTPL2516 Datasheet PDF - Vishay Siliconix

Part # MTPL2516
Download  MTPL2516 Click to download

File Size   75.32 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Versatile Through-Hole Planar Transformers

MTPL2516 Datasheet (HTML) - Vishay Siliconix


MTPL2516 Product details

• Higher power density levels versus traditional planar
designs
• Designed to meet MIL-PRF-27 requirements
• Minimal board area footprint
• Easily customized to meet design-specific requirements
• Operating frequencies from 100 kHz to 500 kHz
• Split primary design to allow for efficient 120 V or 380 V
operation
• Overmolded windings for ruggedized applications
• Minimal parasitic variation
• Operating temperature range -55 °C to +130 °C, power
derating above 105 °C




Similar Part No. - MTPL2516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTP VISHAY-MTP Datasheet
87Kb / 2P
Wet Tantalum Capacitors Subminiature, Axial Leads
24-Jul-02
logo
Adam Technologies, Inc.
MTP-1010-G ADAM-TECH-MTP-1010-G Datasheet
225Kb / 2P
MODULAR TELEPHONE PLUGS
MTP-1010-X ADAM-TECH-MTP-1010-X Datasheet
82Kb / 1P
909 Rahway Avenue
MTP-1515-X ADAM-TECH-MTP-1515-X Datasheet
113Kb / 1P
MODULAR TELEPHONE PLUG
MTP-44 ADAM-TECH-MTP-44 Datasheet
225Kb / 2P
MODULAR TELEPHONE PLUGS
More results


Similar Description - MTPL2516

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0559-6100-00 BEL-0559-6100-00 Datasheet
49Kb / 1P
ISDN TRANSFORMERS Through Hole - Single Package
0559-6200-00 BEL-0559-6200-00 Datasheet
43Kb / 1P
ISDN TRANSFORMERS Through Hole - Dual Package
2718AF2 BEL-2718AF2 Datasheet
42Kb / 2P
ADSL MAGNETICS Through Hole Transformers
logo
Vishay Siliconix
PT50 VISHAY-PT50 Datasheet
198Kb / 3P
Through Hole Transformers Trigger, SCR Isolation
16-Dec-09
PT1020 VISHAY-PT1020 Datasheet
98Kb / 4P
Through-Hole Transformers Pulse, Trigger Type
06-Dec-11
TA VISHAY-TA Datasheet
153Kb / 5P
Through-Hole Transformers Audio, Telephone Coupling
06-Dec-11
TC VISHAY-TC Datasheet
477Kb / 4P
Through Hole Transformers Converter
02-Mar-12
TC-10-01B VISHAY-TC-10-01B Datasheet
477Kb / 4P
Through Hole Transformers Converter
02-Mar-12
logo
Pulse A Technitrol Comp...
PE-67100NL PULSE-PE-67100NL Datasheet
59Kb / 1P
THROUGH HOLE CURRENT SENSE TRANSFORMERS
PE-67200NL PULSE-PE-67200NL Datasheet
302Kb / 2P
Through Hole Current Sense Transformers
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com