Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD160040B Datasheet (PDF) - NEC

UPD160040B Datasheet PDF - NEC
Part # UPD160040B
Download  UPD160040B Download
File Size   156.65 Kbytes
Page   19 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 384-OUTPUT TFT-LCD SOURCE DRIVER

UPD160040B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD160040B Datasheet PDF - NEC

Part # UPD160040B
Download  UPD160040B Click to download

File Size   156.65 Kbytes
Page   19 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 384-OUTPUT TFT-LCD SOURCE DRIVER

UPD160040B Datasheet (HTML) - NEC


UPD160040B Product details

DESCRIPTION

The µPD160040B is a source driver for TFT-LCDs capable of dealing with displays with 256-gray scale. Data input is based on digital input configured as 8 bits by 6 dots (2 pixels), which can realize a full-color display of 16,777,216 colors by output of 256 values γ -corrected by an internal D/A converter and 8-by-2 external power modules. Because the output dynamic range is as large as VSS2 + 0.2 V to VDD2 – 0.2 V, level inversion operation of the LCD’s common electrode is rendered unnecessary. Also, to be able to deal with dot-line inversion, n-line inversion and column line inversion when mounted on a single side, this source driver is equipped with a built-in 8-bit D/A converter circuit whose odd output pins and even output pins respectively output gray-scale voltage of differing polarity.



FEATURES

• CMOS level input

• 384 outputs

• Input of 8 bits (gray scale data) by 6 dots

• Capable of outputting 256 values by means of 8-by-2 external power modules (16 units) and a D/A converter

• Logic power supply voltage (VDD1): 2.5 to 3.6 V

• Driver power supply voltage (VDD2): 12.5 to 15.5 V (switchable, VSEL)

• Output dynamic range: VSS2 + 0.2 V to VDD2 – 0.2 V

• High-speed data transfer: fCLK. = 55 MHz MAX. (internal data transfer speed when operating at 3.0 V ≤ VDD1 ≤ 3.6 V)

                                    fCLK. = 40 MHz MAX. (internal data transfer speed when operating at 2.5 V ≤ VDD1 < 3.0 V)

• Apply for dot-line inversion, n-line inversion and column line inversion

• Output voltage polarity inversion function (POL)

• Output inversion function (POL21, POL 22)

• Output reset control is possible (MODE)

• Trough-rate control is possible (SRC)

• Output resistance control is possible (ORC)

• Single bank arrangement is possible (Loaded with slim TCP)



 




Similar Part No. - UPD160040B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD160040B RENESAS-UPD160040B Datasheet
330Kb / 22P
MOS INTEGRATED CIRCUIT
2001
UPD160040BN-XXX RENESAS-UPD160040BN-XXX Datasheet
330Kb / 22P
MOS INTEGRATED CIRCUIT
2001
More results


Similar Description - UPD160040B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Samsung semiconductor
S6C0671 SAMSUNG-S6C0671 Datasheet
300Kb / 29P
8 BIT 384 CHANNEL TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LH168A SHARP-LH168A Datasheet
176Kb / 14P
384-output TFT-LCD Source Driver IC
LH168M SHARP-LH168M Datasheet
109Kb / 17P
384-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
384-output TFT-LCD Source Driver IC
logo
NEC
UPD160010 NEC-UPD160010 Datasheet
321Kb / 19P
384-/360-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040A NEC-UPD160040A Datasheet
180Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061A NEC-UPD160061A Datasheet
586Kb / 18P
384-/360-OUTPUT TFT-LCD SOURCE DRIVER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com