Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

199DX-2 Datasheet (PDF) - Schneider Electric

199DX-2 Datasheet PDF - Schneider Electric
Part # 199DX-2
Download  199DX-2 Download
File Size   173.68 Kbytes
Page   4 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Power relay, SE Relays, SPST-DM, 40A, 12 VDC, open type

199DX-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
199DX-2 Datasheet PDF - Schneider Electric

Part # 199DX-2
Download  199DX-2 Click to download

File Size   173.68 Kbytes
Page   4 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Power relay, SE Relays, SPST-DM, 40A, 12 VDC, open type

199DX-2 Datasheet (HTML) - Schneider Electric




Similar Part No. - 199DX-2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
199DX-3 SCHNEIDER-199DX-3 Datasheet
192Kb / 4P
Power relay, SE Relays, SPST-DM, 40A, 24 VDC, open type
Aug 2, 2021
More results


Similar Description - 199DX-2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
199X-17 SCHNEIDER-199X-17 Datasheet
208Kb / 4P
Power relay, SE Relays, DPDT, 40A, 12 VDC, magnetic blowout, open type
Aug 2, 2021
199X-12 SCHNEIDER-199X-12 Datasheet
214Kb / 4P
Power relay, SE Relays, DPDT, 40A, 12 VDC, open type, heavy duty
Aug 2, 2021
199X-7 SCHNEIDER-199X-7 Datasheet
185Kb / 4P
Power relay, SE Relays, DPST, 40A, 12 VDC, open type, heavy duty
Aug 2, 2021
199X-2 SCHNEIDER-199X-2 Datasheet
165Kb / 4P
Power relay, SE Relays, SPDT, 40A, 12 VDC, open type, heavy duty
Aug 2, 2021
199DX-3 SCHNEIDER-199DX-3 Datasheet
192Kb / 4P
Power relay, SE Relays, SPST-DM, 40A, 24 VDC, open type
Aug 2, 2021
199DBX-16 SCHNEIDER-199DBX-16 Datasheet
177Kb / 4P
Power relay, SE Relays, SPST-DM, 40A, 48 VDC, magnetic blowout
Aug 2, 2021
199DBX-3 SCHNEIDER-199DBX-3 Datasheet
174Kb / 4P
Power relay, SE Relays, SPST-DM, 40A, 24 VDC, magnetic blowout
Aug 2, 2021
199BX-17 SCHNEIDER-199BX-17 Datasheet
207Kb / 4P
Power relay, SE Relays, DPDT, 40A, 12 VDC, magnetic blowout, open type
Aug 2, 2021
199BX-12 SCHNEIDER-199BX-12 Datasheet
248Kb / 4P
Power relay, SE Relays, DPDT, 40A, 12 VDC, magnetic blowout, open type
Aug 2, 2021
199BX-7 SCHNEIDER-199BX-7 Datasheet
210Kb / 4P
Power relay, SE Relays, DPST, 40A, 12 VDC, magnetic blowout, open type
Aug 2, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com