Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0505DR2RCXBQJHT Datasheet (PDF) - Vishay Siliconix

VJ0505DR2RCXBQJHT Datasheet PDF - Vishay Siliconix
Part # VJ0505DR2RCXBQJHT
Download  VJ0505DR2RCXBQJHT Download
File Size   181.56 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C

VJ0505DR2RCXBQJHT Datasheet (PDF)

Go To PDF Page Download Datasheet
VJ0505DR2RCXBQJHT Datasheet PDF - Vishay Siliconix

Part # VJ0505DR2RCXBQJHT
Download  VJ0505DR2RCXBQJHT Click to download

File Size   181.56 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C

VJ0505DR2RCXBQJHT Datasheet (HTML) - Vishay Siliconix


VJ0505DR2RCXBQJHT Product details

• Case size 0402, 0505, 0603, 0805, 1111
• High frequency / high temperature 175 °C /
200 °C
• Ultra-stable dielectric material
• Lead (Pb)-free terminations code “X”
• Surface mount, wet build process
• Reliable Noble Metal Electrode (NME) system
• Made with a combination of design, materials and tight
process control to achieve very high field reliability




Similar Part No. - VJ0505DR2RCXBQJHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0505D1R0BXBAC VISHAY-VJ0505D1R0BXBAC Datasheet
2Mb / 2P
MULTILAYER CERAMIC CHIP CAPACITORS
15-May-13
VJ0505D1ROBLBAC VISHAY-VJ0505D1ROBLBAC Datasheet
2Mb / 2P
MULTILAYER CERAMIC CHIP CAPACITORS
15-May-13
VJ0505D1ROBLBAT VISHAY-VJ0505D1ROBLBAT Datasheet
2Mb / 2P
MULTILAYER CERAMIC CHIP CAPACITORS
15-May-13
VJ0505D1ROBLCAC VISHAY-VJ0505D1ROBLCAC Datasheet
2Mb / 2P
MULTILAYER CERAMIC CHIP CAPACITORS
15-May-13
VJ0505D1ROBLCAT VISHAY-VJ0505D1ROBLCAT Datasheet
2Mb / 2P
MULTILAYER CERAMIC CHIP CAPACITORS
15-May-13
More results


Similar Description - VJ0505DR2RCXBQJHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
20-Feb-08
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
11-Nov-08
VJ0603 VISHAY-VJ0603_12 Datasheet
121Kb / 11P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
06-Jun-12
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
19-Aug-14
logo
TDK Electronics
C4532CH1H104J TDK-C4532CH1H104J Datasheet
101Kb / 15P
General Multilayer Ceramic Chip Capacitors C Series
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
26-Aug-14
VJHIFREQHT VISHAY-VJHIFREQHT_V01 Datasheet
181Kb / 17P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
13-Jan-2020
VJHIFREQ VISHAY-VJHIFREQ_V01 Datasheet
263Kb / 25P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
19-Aug-2022
VJX8R VISHAY-VJX8R_V01 Datasheet
96Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications Up to 150 °C
02-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com