Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC774A-SX Datasheet (PDF) - Analog Devices

HMC774A-SX Datasheet PDF - Analog Devices
Part # HMC774A-SX
Download  HMC774A-SX Download
File Size   324.82 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer

HMC774A-SX Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC774A-SX Datasheet PDF - Analog Devices

Part # HMC774A-SX
Download  HMC774A-SX Click to download

File Size   324.82 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer

HMC774A-SX Datasheet (HTML) - Analog Devices




Similar Part No. - HMC774A-SX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
HMC774ALC3BTR AD-HMC774ALC3BTR Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
HMC774ALC3BTR-R5 AD-HMC774ALC3BTR-R5 Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
More results


Similar Description - HMC774A-SX

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC294 HITTITE-HMC294 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329 Datasheet
165Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC141LH5 HITTITE-HMC141LH5 Datasheet
280Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
HMC329 HITTITE-HMC329_07 Datasheet
206Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC294 HITTITE-HMC294_00 Datasheet
223Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC171C8 HITTITE-HMC171C8_08 Datasheet
231Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 7 - 10 GHz
HMC329 HITTITE-HMC329_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC294 HITTITE-HMC294_10 Datasheet
216Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com