Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1125A Datasheet (PDF) - RF Monolithics, Inc

SF1125A Datasheet PDF - RF Monolithics, Inc
Part # SF1125A
Download  SF1125A Download
File Size   193.79 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 380 MHz SAW Filter

SF1125A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1125A Datasheet PDF - RF Monolithics, Inc

Part # SF1125A
Download  SF1125A Click to download

File Size   193.79 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 380 MHz SAW Filter

SF1125A Datasheet (HTML) - RF Monolithics, Inc


SF1125A Product details

380 MHz SAW Filter

• Designed for WCDMA 3G IF Applications
• Excellent Size-to-Performance Ratio
• Hermetic 13.3 x 6.5 mm Surface-mount Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1125A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1120B RFM-SF1120B Datasheet
146Kb / 4P
298.74 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1120B MURATA-SF1120B Datasheet
199Kb / 4P
298.74 MHz SAW Filter
logo
List of Unclassifed Man...
SF1121-CHK ETC2-SF1121-CHK Datasheet
61Kb / 1P
ASSEMBLY FOR SF1121
logo
RF Monolithics, Inc
SF1122A RFM-SF1122A Datasheet
69Kb / 3P
190 MHz SAW Filter
SF1124A RFM-SF1124A Datasheet
184Kb / 6P
190 MHz SAW Filter
More results


Similar Description - SF1125A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855954 TRIQUINT-855954 Datasheet
523Kb / 5P
380 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0380BA02443S SPECTRUM-SF0380BA02443S Datasheet
159Kb / 3P
380 MHz SAW Filter 3.7 MHz Bandwidth
logo
API Technologies Corp
SF0380BA02443S APITECH-SF0380BA02443S Datasheet
159Kb / 3P
380 MHz SAW Filter 3.7 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0198A TAI-SAW-TB0198A Datasheet
638Kb / 5P
IF SAW Filter 380 MHz
logo
TriQuint Semiconductor
855530 TRIQUINT-855530_15 Datasheet
555Kb / 5P
380 MHz SAW Filter
855954 TRIQUINT-855954_15 Datasheet
490Kb / 5P
380 MHz SAW Filter
logo
Golledge Electronics Lt...
MA05380 GOLLEDGE-MA05380 Datasheet
176Kb / 4P
380 MHz IF SAW Filter
MA04889 GOLLEDGE-MA04889 Datasheet
214Kb / 6P
IF SAW Filter 380 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0165A TAI-SAW-TB0165A Datasheet
324Kb / 5P
SAW Filter 380 MHz
TB0166A TAI-SAW-TB0166A Datasheet
335Kb / 5P
SAW Filter 380 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com