Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPT030N12N3G Datasheet (PDF) - Infineon Technologies AG

IPT030N12N3G Datasheet PDF - Infineon Technologies AG
Part # IPT030N12N3G
Download  IPT030N12N3G Download
File Size   1041.51 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 3 Power-Transistor, 120 V

IPT030N12N3G Datasheet (PDF)

Go To PDF Page Download Datasheet
IPT030N12N3G Datasheet PDF - Infineon Technologies AG

Part # IPT030N12N3G
Download  IPT030N12N3G Click to download

File Size   1041.51 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 3 Power-Transistor, 120 V

IPT030N12N3G Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - IPT030N12N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT034N15NM6 INFINEON-IPT034N15NM6 Datasheet
1Mb / 13P
MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
Revision 1.0 2024-12-09
IPT039N15N5 INFINEON-IPT039N15N5 Datasheet
1Mb / 11P
OptiMOS Power-Transister, 150 V
2.0. 2021-09-10
More results


Similar Description - IPT030N12N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT017N12NM6 INFINEON-IPT017N12NM6 Datasheet
962Kb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-06
IPTC017N12NM6 INFINEON-IPTC017N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.1, 2022-12-13
ISC037N12NM6 INFINEON-ISC037N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC073N12LM6 INFINEON-ISC073N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC104N12LM6 INFINEON-ISC104N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ106N12LM6 INFINEON-ISZ106N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
BSC0302LS INFINEON-BSC0302LS Datasheet
1Mb / 13P
MOSFET OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.2, 2022-09-21
BSC080N12LS INFINEON-BSC080N12LS Datasheet
1Mb / 13P
OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.1, 2022-11-09
BSC120N12LS INFINEON-BSC120N12LS Datasheet
1Mb / 13P
OptiMOSTM 2 Power-Transistor, 120 V
Rev. 2.0, 2019-11-25
BSC0303LS INFINEON-BSC0303LS Datasheet
1Mb / 13P
OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.1, 2022-08-09
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com