Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1809T Datasheet (PDF) - List of Unclassifed Manufacturers

SSD1809T Datasheet PDF - List of Unclassifed Manufacturers
Part # SSD1809T
Download  SSD1809T Download
File Size   343.51 Kbytes
Page   27 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS

SSD1809T Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD1809T Datasheet PDF - List of Unclassifed Manufacturers

Part # SSD1809T
Download  SSD1809T Click to download

File Size   343.51 Kbytes
Page   27 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS

SSD1809T Datasheet (HTML) - List of Unclassifed Manufacturers


SSD1809T Product details

[Solomon]

SSD1809 is a single-chip CMOS LCD driver with controller for liquid crystal dot-matrix graphic display system. It consists of 225 high voltage driving output pins for driving 160 Segments, 64 Commons and 1icon driving-Common.
SSD1809 displays data directly from its internal Graphic RAM (160x65). Data/Commands are sent from general MCU through a software selectable 6800-/8080-series compatible Parallel Interface or Serial Peripheral Interface.
SSD1809 embeds a DC-DC Converter, an On-chip Bias Divider and an On-Chip Oscillator which reduce the number of external components. With the special design on minimizing power consumption and package layout, SSD1809 is suitable for any portable battery-driven application requiring a long operation period and a compact size.

• 160x64 Graphic Display with a Icon Line
• Programmable Multiplex Ratio (1 Mux - 65 Mux) [Partial Display]
• Graphic Display Mode Operation / Chinese Character Display Mode Operation
• Supply Operation, 2.2 V - 3.5 V
• Enhanced Low Power Icon Mode (160 icons, <19uA)
• On-Chip Internal DC-DC Converter / External Power Supply
• 2X / 3X / 4X / 5X DC-DC Converter
• On-Chip Oscillator
• On-Chip Bias Voltage Generator
• 1:5 / 1:7 / 1:8 / 1:9 Bias Ratio
• Maximum 16.5V LCD Driving Output Voltage
• 8-bit 6800-Series Parallel Interface, 8-bit 80-Series Parallel Interface and Serial Peripheral Interface (SPI)
• On-Chip 160 x 65 Display Data RAM
• Re-mapping of Row and Column Drivers
• Vertical Scrolling
• Display Masks for implementation of blinking effect
• Programmable Frame Frequency
• Master Clear RAM
• External Contrast Control
• 16 Level Internal Contrast Control
• Selectable LCD Driving Voltage Temperature Coefficients
• Available in TAB (Tape Automated Bonding)




Similar Part No. - SSD1809T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
LCD Segment / Common Driver with Controller
SSD1800AV ETC-SSD1800AV Datasheet
598Kb / 42P
LCD Segment / Common Driver with Controller
SSD1800Z ETC-SSD1800Z Datasheet
598Kb / 42P
LCD Segment / Common Driver with Controller
SSD1801 ETC-SSD1801 Datasheet
762Kb / 42P
LCD Segment / Common Driver with Controller for Character Display System
SSD1801AV ETC-SSD1801AV Datasheet
762Kb / 42P
LCD Segment / Common Driver with Controller for Character Display System
More results


Similar Description - SSD1809T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
LCD Segment / Common Driver With Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
LCD Segment / Common Driver with Controller CMOS
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
LCD Segment / Common Driver with Controller
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
LCD Segment / Common Driver with Controller CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com