Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS8997 Datasheet (PDF) - Micrel Semiconductor

KS8997 Datasheet PDF - Micrel Semiconductor
Part # KS8997
Download  KS8997 Download
File Size   168.31 Kbytes
Page   37 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Port 10/100 Integrated Switch with PHY and Frame Buffer

KS8997 Datasheet (PDF)

Go To PDF Page Download Datasheet
KS8997 Datasheet PDF - Micrel Semiconductor

Part # KS8997
Download  KS8997 Click to download

File Size   168.31 Kbytes
Page   37 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Port 10/100 Integrated Switch with PHY and Frame Buffer

KS8997 Datasheet (HTML) - Micrel Semiconductor


KS8997 Product details

General Description
The KS8997 contains eight 10/100 physical layer transceivers, eight MAC (Media Access Control) units with an integrated layer 2 switch. The device runs as an eight port integrated switch.
The KS8997 is designed to reside in an unmanaged design not requiring processor intervention. This is achieved through I/O strapping or EEPROM programming at system reset time.

Features
• 8-port 10/100 integrated switch with 8 physical layer transceivers
• 32Kx32 of SRAM on chip for frame buffering
• 2.0Gbps high performance memory bandwidth
• 10BaseT and 100BaseTX modes of operation
• Superior analog technology for reduced power and die size
• Single 2.0V power supply with options for 2.5V and 3.3V I/O
• 900mA (1.80 W) including physical transmit drivers
• Supports port based VLAN
• Supports DiffServ priority, 802.1p based priority or port based priority
• Indicators for link, activity, full/half-duplex and speed
• Unmanaged operation via strapping or EEPROM at system reset time
• Hardware based 10/100, full/half, flow control and auto negotiation
• Wire speed reception and transmission
• Integrated address look-up engine, supports 1K absolute MAC addresses
• Automatic address learning, address aging and address migration
• Broadcast storm protection
• Full-duplex IEEE 802.3x flow control
• Half-duplex back pressure flow control
• Comprehensive LED support
• Supports MDI/MDI-X auto crossover
• Commercial temperature range: 0°C to +70°C
• Supports lead free product (KSZ8997) for commercial temperature range: 0°C to +70°C
• Available in 128-pin PQFP package

Applications
• Small workgroup switches
• VoIP infrastructure switches




Similar Part No. - KS8997

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8997 MICREL-KS8997 Datasheet
620Kb / 39P
8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
8-Port 10/100 Integrated Switch with PHY and Frame Buffer
More results


Similar Description - KS8997

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
5 Port 10/100 Switch with PHY
logo
Broadcom Corporation.
BCM5388 BOARDCOM-BCM5388 Datasheet
229Kb / 1P
8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
logo
List of Unclassifed Man...
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
logo
Micrel Semiconductor
KS8999 MICREL-KS8999 Datasheet
279Kb / 52P
Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993 Datasheet
225Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999_11 Datasheet
444Kb / 53P
Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
SY87813L MICREL-SY87813L_06 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993_09 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
logo
Microchip Technology
KSZ8873MML MICROCHIP-KSZ8873MML Datasheet
846Kb / 91P
Integrated 3-Port 10/100 Managed Switch with PHY
10/25/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com