Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1362MEUB Datasheet (PDF) - Maxim Integrated Products

MAX1362MEUB Datasheet PDF - Maxim Integrated Products
Part # MAX1362MEUB
Download  MAX1362MEUB Download
File Size   384.68 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response

MAX1362MEUB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1362MEUB Datasheet PDF - Maxim Integrated Products

Part # MAX1362MEUB
Download  MAX1362MEUB Click to download

File Size   384.68 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response

MAX1362MEUB Datasheet (HTML) - Maxim Integrated Products


MAX1362MEUB Product details

General Description
The MAX1361/MAX1362 low-power, 10-bit, 4-channel, analog-to-digital converters (ADCs) feature a digitally programmable window comparator with an interrupt output for automatic system-monitoring applications. Once configured, monitor mode automatically asserts an interrupt when any analog input exceeds the programmed upper or lower thresholds, without interaction to the host. The MAX1361/MAX1362 respond to the SMBus™ alert, allowing quick identification of the alarming device on a shared interrupt. A programmable delay between monitoring intervals lowers power consumption at reduced monitoring rates.
In addition, the MAX1361/MAX1362 integrate an internal voltage reference, a clock, and a 1.7MHz, high-speed, I2C*-compatible, 2-wire, serial interface. The optimized interface allows a maximum conversion rate of 94.4ksps in normal mode while reading back the conversion results. Each of the four analog inputs is configurable for single-ended or fully differential operation and unipolar or bipolar operation. Two scan modes utilize on-chip random access memory (RAM) to allow eight conversions of a selected channel or scanning of a group of channels to reduce interface overhead.
These devices operate from a single 2.7V to 3.6V (MAX1361) or 4.5V to 5.5V (MAX1362) supply and require only 436µA at the maximum sampling rate of 150ksps in monitor mode and 670µA at the maximum sampling rate of 94.4ksps. AutoShutdown™ powers down the devices between conversions, reducing supply current to less than 0.5µA when idle.
The full-scale analog-input range is determined by the internal reference or by an externally applied reference voltage ranging from 1V to VDD. The MAX1361 features a 2.048V internal reference, and the MAX1362 features a 4.096V internal reference.
The MAX1361/MAX1362 are available in a 10-pin µMAX® package and are specified over the extended (-40°C to +85°C) temperature range. For 12-bit applications, refer to the pin-compatible MAX1363/MAX1364 data sheet.

Features
♦ Monitor Mode
   Programmable Lower/Upper Trip Threshold
   Alarm-Status Register Records Fault Events
   SMBus Alert Response
   Programmable Sampling Intervals
♦ 10-Bit I2C-Compatible ADC ±1 LSB INL, ±1 LSB DNL
♦ 4-Channel Single-Ended or 2-Channel Fully Differential Inputs
♦ Software Programmable Bipolar/Unipolar Conversions
♦ Fast Sampling Rate
   94.4ksps While Continuously Reading
   Conversions
   150ksps in Monitor Mode
♦ High-Speed I2C-Compatible Serial Interface
   100kHz/400kHz Standard/Fast Mode
   Up to 1.7MHz High-Speed Mode
   6 Available I2C Slave Addresses
♦ Single Supply
   2.7V to 3.6V (MAX1361)
   4.5V to 5.5V (MAX1362)
♦ Internal Reference
   2.048V (MAX1361)
   4.096V (MAX1362)
♦ External Reference: 1V to VDD
♦ Low Power
   436µA in Monitor Mode (150ksps)
   670µA at 94.4ksps
   6µA at 1ksps
   0.5µA in Power-Down Mode
♦ Small Package
   10-Pin µMAX

Applications
   System Monitoring/Supervision
   Servers/Workstations
   High Reliability Power Supplies
   Medical Instrumentation




Similar Part No. - MAX1362MEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1362MEUB+ MAXIM-MAX1362MEUB+ Datasheet
371Kb / 24P
4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
More results


Similar Description - MAX1362MEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX1153 MAXIM-MAX1153 Datasheet
481Kb / 29P
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
MAX1363 MAXIM-MAX1363 Datasheet
363Kb / 24P
4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 1; 3/05
MAX1361 MAXIM-MAX1361_06 Datasheet
730Kb / 24P
4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1153 MAXIM-MAX1153_10 Datasheet
474Kb / 30P
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
Rev 1; 6/10
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX1361 MAXIM-MAX1361_V01 Datasheet
371Kb / 24P
4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
MAX1363 MAXIM-MAX1363_V01 Datasheet
273Kb / 25P
4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com