Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-70-5 Datasheet (PDF) - Zetex Semiconductors

SC-70-5 Datasheet PDF - Zetex Semiconductors
Part # SC-70-5
Download  SC-70-5 Download
File Size   195.66 Kbytes
Page   3 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Surface mounted, 5 pin package Package outline

SC-70-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC-70-5 Datasheet PDF - Zetex Semiconductors

Part # SC-70-5
Download  SC-70-5 Click to download

File Size   195.66 Kbytes
Page   3 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Surface mounted, 5 pin package Package outline

SC-70-5 Datasheet (HTML) - Zetex Semiconductors


SC-70-5 Product details

Surface mounted, 5 pin package Package outline




Similar Part No. - SC-70-5

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
SC-70-5 AME-SC-70-5 Datasheet
37Kb / 1P
Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
SC-70-5 AME-SC-70-5 Datasheet
80Kb / 1P
A : MIN 0.80 MAX 1.10 A1 : MIN 0.00 MAX 0.10
logo
ELM Technology Corporat...
SC-70-5 ELM-TECH-SC-70-5 Datasheet
575Kb / 1P
Package, Reel, Taping
logo
Alpha & Omega Semicondu...
SC-70-5L AOSMD-SC-70-5L Datasheet
194Kb / 1P
ALL DIMENSIONS ARE IN MILLMETERS.
More results


Similar Description - SC-70-5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SOT23-5 ZETEX-SOT23-5 Datasheet
206Kb / 3P
Surface mounted, 5 pin package
TSSOP20 ZETEX-TSSOP20 Datasheet
122Kb / 3P
Surface mounted, 20 pin package
SSOP28 ZETEX-SSOP28 Datasheet
174Kb / 3P
Surface mounted, 28 pin package
MLP322 ZETEX-MLP322 Datasheet
176Kb / 3P
Surface mounted, 3 pin package Package outline
SOD523 ZETEX-SOD523 Datasheet
177Kb / 3P
Surface mounted, 2 pin package Package outline
SOT23F ZETEX-SOT23F Datasheet
163Kb / 3P
Surface mounted, 3 pin package
TSOT23-5 ZETEX-TSOT23-5 Datasheet
165Kb / 3P
Surface mounted, 5 pin package
SOD323 ZETEX-SOD323_07 Datasheet
189Kb / 3P
Surface mounted, 2 pin package
SOT23 ZETEX-SOT23_07 Datasheet
167Kb / 3P
Surface mounted, 3 pin package
SOT323 ZETEX-SOT323_07 Datasheet
168Kb / 3P
Surface mounted, 3 pin package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com