Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1358 Datasheet (PDF) - Panasonic Semiconductor

AN1358 Datasheet PDF - Panasonic Semiconductor
Part # AN1358
Download  AN1358 Download
File Size   32.26 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual Operational Amplifiers

AN1358 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN1358 Datasheet PDF - Panasonic Semiconductor

Part # AN1358
Download  AN1358 Click to download

File Size   32.26 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual Operational Amplifiers

AN1358 Datasheet (HTML) - Panasonic Semiconductor


AN1358 Product details

■ Overview

The AN1358 (AN6562)and AN1358S (AN6562S) are dual operational amplifiers with two phase compensation circuits built-in, have a wide range of operaing supply voltage, and can operate on a single power supply. They have electrical characteristics equivalent to those of the conventional operational amplifiers, and are low powered and suitable for application to various circuits.



■Features

• Built-in phase compensation circuits

• Wide range of input voltage:0V to VCC–1.5V

• Wide range of operating supply voltage:

  Single power supply:3 to 30V

  Dual power supply:±1.5 to ±15V




Similar Part No. - AN1358

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
AN135 XICOR-AN135 Datasheet
51Kb / 5P
Sensor Circuits and Digitally Controlled Potentiometers
logo
STMicroelectronics
AN1353 STMICROELECTRONICS-AN1353 Datasheet
136Kb / 17P
ASD ST62000C software description for cooling thermostat applicatons
24-Jan-2006
More results


Similar Description - AN1358

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
Dual Operational Amplifiers
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
Dual Operational Amplifiers
logo
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com