Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN6914 Datasheet (PDF) - Panasonic Semiconductor

AN6914 Datasheet PDF - Panasonic Semiconductor
Part # AN6914
Download  AN6914 Download
File Size   29.89 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual Comparators

AN6914 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN6914 Datasheet PDF - Panasonic Semiconductor

Part # AN6914
Download  AN6914 Click to download

File Size   29.89 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual Comparators

AN6914 Datasheet (HTML) - Panasonic Semiconductor


AN6914 Product details

■ Overview

The AN1393 (AN6914) and the AN1393S (AN6914S) are dual (voltage) comparators with wide range of operating supply valtage.





■Features

• Wide range of operating voltages

    Single supply:2 to 36V

   Dual supply:±1 to ±18V

• Low circuit current:0.6mA typ.

• Wide range of common-mode input voltages :0V to VCC–1.5V (single supply)

• Open collector output




Similar Part No. - AN6914

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN6914 ETC2-AN6914 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN6914UBS PANASONIC-AN6914UBS Datasheet
36Kb / 5P
Industrial Surface Mounting Package Comparator
More results


Similar Description - AN6914

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6913 PANASONIC-AN6913 Datasheet
30Kb / 3P
Dual Comparators
logo
Rohm
BA10393 ROHM-BA10393 Datasheet
52Kb / 4P
Dual comparators
logo
Ceramate Technical
CO393 CERAMATE-CO393 Datasheet
95Kb / 4P
Dual comparators
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A Datasheet
102Kb / 9P
Dual Comparators
HA17393B RENESAS-HA17393B Datasheet
119Kb / 8P
Dual Comparators
HA17903A RENESAS-HA17903A Datasheet
103Kb / 9P
Dual Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A_15 Datasheet
130Kb / 11P
Dual Comparators
HA17903A RENESAS-HA17903A_15 Datasheet
130Kb / 11P
Dual Comparators
HA17393B RENESAS-HA17393B_15 Datasheet
303Kb / 10P
Dual Comparators
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com