Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDN240-48P Datasheet (PDF) - Bel Fuse Inc.

LDN240-48P Datasheet PDF - Bel Fuse Inc.
Part # LDN240-48P
Download  LDN240-48P Download
File Size   539.75 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Single phase AC input 120 / 240 VAC (with switch)

LDN240-48P Datasheet (PDF)

Go To PDF Page Download Datasheet
LDN240-48P Datasheet PDF - Bel Fuse Inc.

Part # LDN240-48P
Download  LDN240-48P Click to download

File Size   539.75 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Single phase AC input 120 / 240 VAC (with switch)

LDN240-48P Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - LDN240-48P

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDN240-48P BEL-LDN240-48P Datasheet
413Kb / 4P
Single phase AC input 120 / 240 VAC (with switch)
More results


Similar Description - LDN240-48P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H12D4825DE ETC1-H12D4825DE Datasheet
37Kb / 2P
25-40Amp 120/240, 480 Vac AC OUTPUT
CSD2410 ETC1-CSD2410 Datasheet
45Kb / 3P
10-90Amp 120/240 Vac AC OUTPUT
EZ240A12 ETC1-EZ240A12 Datasheet
56Kb / 2P
5-18Amp 120/240, 480 Vac AC Output
S218 ETC1-S218 Datasheet
23Kb / 1P
8 Amp 120, 240 Vac AC Output
S312 ETC1-S312 Datasheet
23Kb / 1P
3 Amp 120, 240 Vac AC Output
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
20Amp 120/240 Vac AC Output
A24110 ETC2-A24110 Datasheet
81Kb / 2P
120/240, 480 Vac / AC Output
RSLD035-7A ETC2-RSLD035-7A Datasheet
1Mb / 5P
Wide Range Input: 120, 240, or 277 VAC
logo
Bel Fuse Inc.
LDN240-12 BEL-LDN240-12 Datasheet
413Kb / 4P
Single phase AC input 120 / 240 VAC (with switch)
LDW120-12 BEL-LDW120-12 Datasheet
425Kb / 4P
Single or two phase input AC 187 ??550 VAC
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com