Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1815DA Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1815DA Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA1815DA
Download  TA1815DA Download
File Size   488.03 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1950 MHz Band 1 TX SMD 1.1x0.9 mm (BW=60 MHz)

TA1815DA Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1815DA Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1815DA
Download  TA1815DA Click to download

File Size   488.03 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1950 MHz Band 1 TX SMD 1.1x0.9 mm (BW=60 MHz)

TA1815DA Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA1815DA

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1815D TAI-SAW-TA1815D Datasheet
323Kb / 7P
SAW Filter 1950 MHz Band 1 TX SMD 1.1x0.9 mm
More results


Similar Description - TA1815DA

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1815D TAI-SAW-TA1815D Datasheet
323Kb / 7P
SAW Filter 1950 MHz Band 1 TX SMD 1.1x0.9 mm
TA1949A TAI-SAW-TA1949A Datasheet
427Kb / 10P
SAW Filter 737.5 MHz Band 12 SMD 1.1x0.9 mm (BW=17 MHz)
TA2069A TAI-SAW-TA2069A Datasheet
452Kb / 10P
SAW Filter 876.5 MHz Band 26Rx SMD 1.1X0.9 mm (BW=35 MHz)
TF0120D TAI-SAW-TF0120D Datasheet
488Kb / 13P
SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TF0120DA TAI-SAW-TF0120DA Datasheet
488Kb / 14P
SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TF0126D TAI-SAW-TF0126D Datasheet
462Kb / 15P
SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TF0126DA TAI-SAW-TF0126DA Datasheet
494Kb / 14P
SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TA2042B TAI-SAW-TA2042B Datasheet
940Kb / 10P
SAW Filter 847 MHz Band 20 SMD 1.1X0.9 mm (BW=30 MHz)
TF0120DB TAI-SAW-TF0120DB Datasheet
462Kb / 13P
SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TF0126B TAI-SAW-TF0126B Datasheet
491Kb / 15P
SAW DPX 1950/2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com