Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD74BC574P Datasheet (PDF) - Toshiba Semiconductor

TD74BC574P Datasheet PDF - Toshiba Semiconductor
Part # TD74BC574P
Download  TD74BC574P Download
File Size   170.73 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Octal D-Type Flip-Flop with 3-State Outputs (Non-Inverted)

TD74BC574P Datasheet (PDF)

Go To PDF Page Download Datasheet
TD74BC574P Datasheet PDF - Toshiba Semiconductor

Part # TD74BC574P
Download  TD74BC574P Click to download

File Size   170.73 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Octal D-Type Flip-Flop with 3-State Outputs (Non-Inverted)

TD74BC574P Datasheet (HTML) - Toshiba Semiconductor


TD74BC574P Product details

Octal D-Type Flip-Flop with 3-State Outputs (Non-Inverted)

The TD74BC574P/TD74BC574F is a high-speed 8-bit flip-flop fabricated with silicon gate Bi-CMOS technology. It achieves the high-speed operation equivalent to the FAST family while maintaining the Bi-CMOS low-power dissipation.

Features
● High-speed operation ........................ tpd = 8.8 ns (typ.)
● Symmetrical output impedance ....... IOH = −3 mA (max)
                                                              IOL = 24 mA (max)
● Low power dissipation ...................... ICCD = 7 mA (typ.)
                                                               ICCZ = 10 A (typ.)
● Operating temperature range .......... Ta = −40°C to 85°C
● High ESD protection ......................... 2000 V (MIL standard)
● Pin and function compatible with FAST (74F574)




Similar Part No. - TD74BC574P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD74BC541F TOSHIBA-TD74BC541F Datasheet
166Kb / 7P
TOSHIBA Bi-CMOS Digital Integrated Circuit Silicon Monolithic
TD74BC541P TOSHIBA-TD74BC541P Datasheet
166Kb / 7P
TOSHIBA Bi-CMOS Digital Integrated Circuit Silicon Monolithic
More results


Similar Description - TD74BC574P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ574 STMICROELECTRONICS-74LVQ574 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
Feb-1999
74ACT374MTR STMICROELECTRONICS-74ACT374MTR Datasheet
243Kb / 11P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT374 STMICROELECTRONICS-74ACT374_01 Datasheet
237Kb / 11P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT16374 STMICROELECTRONICS-74ACT16374 Datasheet
278Kb / 10P
16-BIT D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74LVQ374 STMICROELECTRONICS-74LVQ374 Datasheet
289Kb / 13P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
29-Jul-2004
74LVQ574 STMICROELECTRONICS-74LVQ574_04 Datasheet
289Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
29-Jul-2004
74VHC374 STMICROELECTRONICS-74VHC374_04 Datasheet
303Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
74VHC574 STMICROELECTRONICS-74VHC574_04 Datasheet
306Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
74VHCT574A STMICROELECTRONICS-74VHCT574A_04 Datasheet
273Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
16-Dec-2004
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com