Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U426B Datasheet (PDF) - TEMIC Semiconductors

U426B Datasheet PDF - TEMIC Semiconductors
Part # U426B
Download  U426B Download
File Size   58.69 Kbytes
Page   6 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description INFRARED DRIVER

U426B Datasheet (PDF)

Go To PDF Page Download Datasheet
U426B Datasheet PDF - TEMIC Semiconductors

Part # U426B
Download  U426B Click to download

File Size   58.69 Kbytes
Page   6 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description INFRARED DRIVER

U426B Datasheet (HTML) - TEMIC Semiconductors


U426B Product details

Description
The U426B is an IR-driver IC for IR data communication.

Features
● Programmable constant current 200 mA to 1.2 A
● Signal frequency up to 500 kHz
● Low-power standby mode
● Internal voltage comparator
● Wide voltage range 2.4 V to 12 V

Applications
● Keyless entry systems
● Remote control
● Wireless data communication




Similar Part No. - U426B

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U426 CALOGIC-U426 Datasheet
28Kb / 2P
N-Channel Dual JFET
logo
Micross Components
U426 MICROSS-U426 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix U426
logo
Linear Integrated Syste...
U426 LINEAR-U426 Datasheet
180Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
logo
Tripp Lite. All Rights ...
U426-003 TRIPPLITE-U426-003 Datasheet
178Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Micro-B (M/M), 3 ft.
U426-003-G2 TRIPPLITE-U426-003-G2 Datasheet
174Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Micro-B (M/M), 3 ft.
More results


Similar Description - U426B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN105B TOSHIBA-TLN105B_07 Datasheet
200Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN110 TOSHIBA-TLN110_07 Datasheet
198Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN115A TOSHIBA-TLN115A_07 Datasheet
203Kb / 6P
Infrared LED GaAs Infrared Emitter
TLN119 TOSHIBA-TLN119_07 Datasheet
199Kb / 5P
Infrared LED GaAs Infrared Emitter
logo
Lite-On Technology Corp...
LTE-C1901-ZF LITEON-LTE-C1901-ZF Datasheet
466Kb / 7P
Infrared
LTE-S9511TS-R LITEON-LTE-S9511TS-R Datasheet
338Kb / 9P
Infrared
LTE-3273DL LITEON-LTE-3273DL Datasheet
257Kb / 4P
Infrared
logo
Kinetic Technologies.
KTZ8807 KINETIC-KTZ8807 Datasheet
179Kb / 2P
24mA RGB LED Driver with AutoBlinQ™ Plus 600mA White/Infrared LED Driver
January 2018 - Revision 03d
logo
Texas Instruments
TPS92642-Q1 TI1-TPS92642-Q1 Datasheet
2Mb / 44P
TPS92642-Q1 Automotive Synchronous Buck Infrared LED Driver
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com