Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMR-C120 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSMR-C120 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSMR-C120
Download  HSMR-C120 Download
File Size   210.38 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Right Angle ChipLED

HSMR-C120 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMR-C120 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSMR-C120
Download  HSMR-C120 Click to download

File Size   210.38 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Right Angle ChipLED

HSMR-C120 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSMR-C120 Product details

Description
This series of right angle mount ChipLEDs is designed with the smallest footprint to achieve high density of components on board. They have the industry standard footprint of 1.6 mm x 1.0 mm and a height of only 0.6 mm. This makes them very suitable for cellular phone and mobile equipment backlighting and indication application where space is a constraint. They are available in a wide range of color combination. In order to facilitate automated pick and place operation, these ChipLEDs are shipped in tape and reel, with 4000 units per reel. These parts are compatible with IR soldering.

Features
• Small size right angle mount
• 0603 industry standard footprint
• Operating temperature range of –30˚C to +85˚C
• Available in various colors
• Compatible with IR solder reflow
• Available in 8 mm tape on 7" diameter reel
• Reel sealed in zip locked moisture barrier bags

Applications
• LCD backlighting
• Keypad backlighting
• Pushbutton backlighting
• Symbol indicator




Similar Part No. - HSMR-C120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMR-C120 AVAGO-HSMR-C120 Datasheet
455Kb / 12P
High Performance Chip LED
logo
Agilent(Hewlett-Packard...
HSMR-C120 HP-HSMR-C120 Datasheet
256Kb / 13P
Agilent HSMx-C1xx High Performance Chip LED
More results


Similar Description - HSMR-C120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CB00 AVAGO-ASMT-CB00 Datasheet
305Kb / 7P
InGaN Blue, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CW00 AVAGO-ASMT-CW00 Datasheet
333Kb / 7P
InGaN White, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Broadcom Corporation.
HSMA-C350 BOARDCOM-HSMA-C350 Datasheet
737Kb / 9P
Narrow Angle SMT Amber ChipLED
HSMA-C380 BOARDCOM-HSMA-C380 Datasheet
734Kb / 9P
Narrow Angle SMT Amber ChipLED
HSMC-C350 BOARDCOM-HSMC-C350 Datasheet
739Kb / 9P
Narrow Angle SMT Red ChipLED
HSMC-C380 BOARDCOM-HSMC-C380 Datasheet
784Kb / 9P
Narrow Angle SMT Red ChipLED
HSMQ-C350 BOARDCOM-HSMQ-C350 Datasheet
765Kb / 9P
Narrow Angle SMT Green ChipLED
HSMQ-C380 BOARDCOM-HSMQ-C380 Datasheet
807Kb / 9P
Narrow Angle SMT Green ChipLED
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com