| Manufacturer | Part # | Datasheet | Description |
 Cadeka Microcircuits LL... |
CLC1050
|
2Mb / 17P |
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
|
|
LM358
|
1Mb / 15P |
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
Rev 1A |
 Exar Corporation |
CLC1050
|
1Mb / 17P |
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
|
 Monolithic Power System... |
MEZDPD3603A
|
1Mb / 10P |
Programmable 36V DC/DC Power Supply up to 3A
|
 Maxim Integrated Produc... |
MAX17292EVKIT
|
406Kb / 8P |
3V to 8V, 10A DC power supply
Rev 0; 9/16 |
|
MAX17290EVKIT
|
2Mb / 13P |
4.5V to 7.3V, 10A DC power supply
Rev 0; 3/16 |
|
MAX17233EVKIT
|
899Kb / 14P |
6V to 36V, 15A power supply
Rev 0; 2/16 |
|
MAX14713EVKIT
|
532Kb / 7P |
3V DC power supply
Rev 1; 8/17 |
|
MAX17690EVKITB
|
736Kb / 7P |
One 18V–36V DC, 1A power supply
Rev 2; 1/17 |
|
MAX17506EVKITBE
|
937Kb / 12P |
6.5V to 60V, 10A DC input power supply
2019 |