Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2473C Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA2473C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA2473C
Download  TA2473C Download
File Size   1026.38 Kbytes
Page   10 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2155 MHz 90MHz BW Band66 Rx SMD 1.1X0.9 mm

TA2473C Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2473C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2473C
Download  TA2473C Click to download

File Size   1026.38 Kbytes
Page   10 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2155 MHz 90MHz BW Band66 Rx SMD 1.1X0.9 mm

TA2473C Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA2473C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2473A TAI-SAW-TA2473A Datasheet
642Kb / 10P
SAW Filter 2155 MHz 90MHz BW Band66 Rx SMD 1.1X0.9 mm
TA2473B TAI-SAW-TA2473B Datasheet
908Kb / 10P
SAW Filter 2155 MHz 90MHz BW Band66 Rx SMD 1.1X0.9 mm
More results


Similar Description - TA2473C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1839A TAI-SAW-TA1839A Datasheet
543Kb / 9P
SAW Filter 942.5 MHz Band 8 Rx SMD 1.1x0.9 mm (BW=35 MHz)
TA1954D TAI-SAW-TA1954D Datasheet
392Kb / 9P
SAW Filter 1582.47 MHz SMD 1.1X0.9 mm (BW=46.84 MHz)
TA1804B TAI-SAW-TA1804B Datasheet
746Kb / 9P
SAW Filter 1582.469 MHz Rx SMD 1.1x0.9 mm (BW=46.834 MHz)
TA1898D TAI-SAW-TA1898D Datasheet
476Kb / 8P
SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA2043B TAI-SAW-TA2043B Datasheet
760Kb / 7P
SAW Filter 2155 MHz BW 90 MHz SMD 3.0X3.0 mm
TA2473A TAI-SAW-TA2473A Datasheet
642Kb / 10P
SAW Filter 2155 MHz 90MHz BW Band66 Rx SMD 1.1X0.9 mm
TA2473B TAI-SAW-TA2473B Datasheet
908Kb / 10P
SAW Filter 2155 MHz 90MHz BW Band66 Rx SMD 1.1X0.9 mm
TA2509A TAI-SAW-TA2509A Datasheet
964Kb / 10P
SAW Filter 763 MHz Band14 Rx SMD 1.1X0.9 mm (BW=10 MHz)
TA2509B TAI-SAW-TA2509B Datasheet
964Kb / 10P
SAW Filter 763 MHz Band14 Rx SMD 1.1X0.9 mm (BW=10 MHz)
TA2568A TAI-SAW-TA2568A Datasheet
421Kb / 9P
SAW Filter 2332.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com